Electronic Components Datasheet Search
  English  ▼

X  

SW50-2G Datasheet(PDF) 114 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G Datasheet(HTML) 114 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 108Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 109Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 110Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 111Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 112Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 113Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 114Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 115Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 116Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 114 / 116 page
background image
114
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Grease & Epoxy
Ther-O-Bond
TM 1500 is a versatile epoxy casting system developed
for high performance, production potting and encapsulating appli-
cations where low shrinkage and rapid air evacuation are required.
This formulation has a very low surface tension and a flowable
viscosity, which affords excellent air release. Ther-O-Bond
TM 1500
adhers to rigid plastics and laminates, metals and ceramics, has
a low coefficient of thermal expansion and is readily machined
and shaped with ordinary shop tools. The fully cured epoxy system
is an excellent electrical insulator which provides good resistance
to electrolysis, leakage and corrosion room water, weather, gases
and chemical compounds.
Ther-O-Bond
TM Adhesive
Mix ratio by weight,
100 to 15
resin to hardener:
Mixed viscosity @ 25°C, cps:
1000 - 1500
Work-life @ 25°C
45 Minutes
Gel time @ 25°C
3-6 Hours
Cure schedule @ 25°C
8 Hours
Cure schedule @ 65°C
1 Hour
Cure schedule @ 100°C
0.5 Hour
For smaller applications, Ther-O-Bond
TM 1600 produces a stable,
durable, high-impact bond, with good heat transfer characteris-
tics. It is a thixotropic (smooth paste) thermally conductive epoxy
system used for staking thermistors, diodes, resistors, integrated
circuits and other heat sensitive components to printed circuit
boards. This two-part adhesive develops strong, durable, high
impact bonds at room temperature, which improve heat transfer
while maintaining electrical insulation. Ther-O-bond
TM 1600 bonds
readily to itself, to metals, silica, steatie, alumina, sapphire and
other ceramics, glass, plastics and many other materials because
its coefficient of thermal expansion provides a good match for
those materials over a fairly wide temperature range.
Mix ratio by weight,
100 to 5
resin to hardener:
Mixed viscosity @ 25°C, cps:
33,000
Work-life @ 25°C
45 Minutes
Gel time @ 25°C
3-6 Hours
Cure schedule @ 25°C
8 Hours
Cure schedule @ 65°C
1 Hour
Cure schedule @ 100°C
0.5 Hour
HANDLING CHARACTERISTICS
Color
Blue
Specific gravity:
2.30
Operating temp, °C
-70 to 115
Hardness, shore D:
90
Izod impact, F1 Lbs/Inch of notch
0.49
Thermal
0.85
conductivity W/(m-°C)
C.T.E. (ppm/°C)
25
Tensile strength (@25°C)
9200 psi
Tensile lap shear, psi
2900
Dielectric strength (volts/mil)
410
Dielectric constant (1 KHz @ 25°C)
5.9
Dissipation factor, KH@ 25°C
5.9
Shelf life
18 months*
Ther-O-Bond
TM 2000 acrylic adhesive cures rapidly
at room temperature, while providing a repairable,
thermally conductive bond.
Color
White
Thermal
0.48
conductivity W/(m-°C)
C.T.E. (ppm/°C)
25
Tensile strength (@25°C)
2360 psi
Dielectric strength (volts/mil)
220
Shelf life
18 months*
Part number
Description
Package/Kit
Size
159900F00000G
Ther-O-BondTM 1500
Resin and hardener
0.946 liter (1 qt)
161000F00000G
Ther-O-BondTM 1600
2-Part plastic kit
10gm (0.35 oz)
164000F00000G
Ther-O-BondTM 1600
2-Part plastic kit
40gm (1.40 oz)
200000F00000G
Ther-O-BondTM 2000
Adhesive syringe
25ml
Activator bottle
13ml
ORDERING INFORMATION
PRODUCT INFORMATION
Ther-O-Bond
TM 1500
Ther-O-Bond
TM 1600
Ther-O-Bond
TM 2000
HANDLING CHARACTERISTICS
PHYSICAL PROPERTIES
Color
Black
Specific gravity
1.5
Operating temp, °C
-60 to 155
Heat distortion temp, °C
100
Hardness, shore D:
88
Thermal
1.26
conductivity W/(m°C)
Compressive strength, psi
14,000
Dissipation factor,
0.01
Self extinguishing:
yes
C.T.E. (ppm/°C)
25
Tensile strength (@25°C)
9200 psi
Dielectric
800
Shelf life
18 months*
PHYSICAL PROPERTIES
* Stated shelf life is from date of manufacture. To allow for inventory cycle, product shipped from Aavid will
have less than 18 months remaining shelf life. Aavid guarantees a minimum of 3 months remaining shelf life.
Please adjust order quantity so all product will be consumed within 3 months of date of shipment.
* Stated shelf life is from date of manufacture. To allow for inventory cycle, product shipped from Aavid will
have less than 18 months remaining shelf life. Aavid guarantees a minimum of 3 months remaining shelf life.
Please adjust order quantity so all product will be consumed within 3 months of date of shipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com