Electronic Components Datasheet Search
  English  ▼

X  

GF800 Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # GF800
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF800 Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

Back Button GF800 Datasheet HTML 3Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 4Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 5Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 6Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 7Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 8Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 9Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 10Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 11Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
8
Centre Bolted Tags
415 - 550V ac / 2 - 1250A
250V dc
Specifications
Description:
Fuse Links for general industrial applications
with Q1 fusing factor - general purpose (gG) and motor
protection (gM) characteristics
Applications:
General Industrial & Motors applications
AC / BC
550V ac / 2 - 63A
250 V dc (except gM)
Catalogue Numbers
Industrial & Motor Applications to BS88
Ratings:
Agency information:
Meets BS88: Part 1 & 2 (1988),
IEC 269: Parts 1 (1986)
RoHS Compliant
AD / BD / CD / DD / ED
550V ac / 2 - 400A
415V ac (Types gM, DD, ED)
250 V dc (Types AD, BD)
Catalogue Numbers
Type
Rating
(A)
Catalogue
Number
Class
Fixing Centres
mm
Unit
Packing
AC
2
AC2
gG
97.5
20
4
AC4
6
AC6
10
AC10
16
AC16
20
AC20
25
AC25
32
AC32
BC
40
BC40
gG
97.5
20
50
BC50
63
BC63
63M80
BC63M80
gM
63M100
BC63M100
Dimensions
Part
No
Dimensions
A
B
C
D
E
F
G
H
K
AC
113.5
97.5
55.5
21.0
1.6
12.7
13.5
7.0
11.2
AD
128.5
111
55.0
21.0
1.4
14.2
11.8
8.7
11.2
BC
113.5
97.5
55.0
21.0
1.6
7.0
13.5
12.7
11.2
BC63M
BD
128.5
111
55.0
21.0
1.4
14.2
11.8
8.7
11.2
CD
126
111
58.5
21.0
3.2
14.3
11.1
8.7
19.5
CD100M125 & CD100M160
26.0
22.0
CD100M200
136
47.0
31.0
19.0
12.5
2.5
DD
136
111
47.0
31.0
3.2
19.0
12.5
9.0
22.5
DD200M
ED250
136
111
47.0
31.0
4.7
19.0
12.5
9.0
22.5
ED315
50.0
38.0
25.4
31.0
ED315M4009.0
ED400M500
75.0
59.0
Type
Rating
(A)
Catalogue
Number
Class
Ref BS
Fixing Centres
mm
Unit
Packing
AD
2
AD2
gG
N/A
111
20
4
AD4
6
AD6
10
AD10
16
AD16
20
AD20
25
AD25
32
AD32
BD
40
BD40
gG
N/A
111
20
50
BD50
63
BD63
CD
80
CD80
gG
B1
111
10
100
CD100
100M125
CD100M125
gM
100M160
CD100M160
100M200
CD100M200
DD
125
DD125
gG
B2
111
5
160
DD160
200
DD200
200M250
DD200M250
gM
200M315
DD200M315
250
ED250
gG
B3/B4
111
1
315
ED315
355
ED355
400
ED400
315M400
ED315M400
gM
400M500
ED400M500*
ED
Volts: - 415 - 550V ac / 250V dc
Amps: - 2 - 1250A
IR - 40kA @ 250V dc
- 80kA @ 415 / 550V ac
*-550V ac
Data Sheets: AC: 4110 / BC: 4113 / AD: 4111 / BD: 4114 / CD: 4116 / DD: 4118 / ED: 4119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com