Electronic Components Datasheet Search
  English  ▼

X  

GF800 Datasheet(PDF) 19 Page - Cooper Bussmann, Inc.

Part # GF800
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF800 Datasheet(HTML) 19 Page - Cooper Bussmann, Inc.

Back Button GF800 Datasheet HTML 15Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 16Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 17Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 18Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 19Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 20Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 21Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 22Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 23Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
CM
CAMASTER HRC Fuseholder
690V ac / 20 - 400A
Specifications
Description:
Fully shrouded fuse bases
with unique cam action system for BS88
Fuse link applications.
Ratings:
Applications:
Lighting and heating equipment,
circuit protection, Motor protection, Control equipment
circuit protection
Agency Information:
CE Compliance to BS88, EN
IEC 60269. For UL and CSA approved versions also
available,consult Cooper Bussmann®
RoHS Compliant
Dimensions
Catalogue Numbers
BS88 Fuseholders
Volts: - 660V ac
Amps: - 20, 32 (Compact) 32, 63 and 100A
Rating
(A)
Catalogue
Number
Recommended
Fuse Link
Unit
Packing
20
CM20F
NITD
10
32
CM32FC
NITD
10
32
CM32F
AAO
10
63
CM63F
BAO
10
100
CM100F
OSD
5
200*
200DF
DD
200DFBS
Front/Back
200DBS
Back/Back
400*
400EF
ED
Cat. No
Max
cable
mm2
Dimensions (mm)
A
B
C
D
E
F
G
H
J
K
CM20F
16
25.4 93.7
60
3.2 17.5 66.0 58.0 28.6 11.9 M6
CM32FC 16
25.4 93.7
60
3.2 17.5 66.0 58.0 28.6 11.9 M6
CM32F
16
31.8 117.5 60
3.2 17.5 66.0 74.0 28.6 11.9 M6
CM63F
70
35.6 125
60
4.75 16.4 86.5 81.0 28.6 11.9 M8
CM100F 70
35.6 125
60
4.75 16.4 86.5 81.0 28.6 11.9 M8
200DF
95
70
193 149 17.5 35.6
8
138
30
24
M12
400EF
240 98.4 254 192.1 31.8 36.5
-
-
-
-
-
Accessory
Rating (A)
Catalogue No
Unit
Packing
Back Stud
32
32
63/100
32BSC
32BS
63/100BS
10
10
5
Ganging Links
GLP
1 set
Neon Indicator
90-415V ac
NI
3
Lockable Safety
Carriers
32LSCC
32LSC
63/100LSC
3
3
3
Neutral Links
32
32
63/100
32CMLC
32CML
63/100CML
1
Security Clip
CMSC
20
Accesories Numbers
* 200A & 400A do not have the CAM action
Notes:
1 - Type CM32FC is also available rated at 20A,
catalogue number CM20F
2 - For colours other than Black (standard) add the
appropriate letter code: W = White; G = Green,
GY = Grey
3 - Care must be taken when fitting solid single or stranded
cables of small cross-sectional area to ensure correct
clamping. Small Multi-stranded cables must be terminated
with bootlace ferrules to ensure correct clamping. Bootlace
ferrules should not be used on standard power cables or
high current applications. If in doubt please consult Cooper
Bussmann®
4 - A +5% tolerance should be allowed on dimensions when
cutting metal work to fit CAMaster fuse holders
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com