Electronic Components Datasheet Search
  English  ▼

X  

GF800 Datasheet(PDF) 29 Page - Cooper Bussmann, Inc.

Part # GF800
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF800 Datasheet(HTML) 29 Page - Cooper Bussmann, Inc.

Back Button GF800 Datasheet HTML 25Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 26Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 27Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 28Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 29Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 30Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 31Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 32Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 33Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
NH Fuses - Dual Indicator
Class gG - Low Power Loss
500V / 2 - 1600A
Sizes C00, 0, 1, 2, 3, 4, 4A
Specifications
Description:
Low Power Loss NH Fuses
for industrial protection, gG range (general
protection). Dual Indicator system for fuse
operation function (in the body and in the side plate) except
for the sizes 4 & 4A. Version with voltage free metal gripping
lugs for insulated fuses. The components used in manufac-
ture are lead and cadmium free. Fuses subject to HRC recy-
cling commitment.
Ratings:
Applications:
Protection of large electric distribution
networks, cables and distribution boards (except motors)
where the minimize of power losses is a requirement.
Standards and Approvals:
Conform to standards EN IEC
60269, VDE 0636, DIN 43620, VDE approval.
Dimensions:
see page 35
Size
Rated
Current
(A)
gG-gL
Dual Indicator
Unit
Packing
voltage conducting
gripping lugs
voltage free metal
gripping lugs
000
2
2NHG000B
2NHG000BI
3
4
4NHG000B
4NHG000BI
3
6
6NHG000B
6NHG000BI
3
10
10NHG000B
10NHG000BI
3
16
16NHG000B
16NHG000BI
3
20
20NHG000B
20NHG000BI
3
25
25NHG000B
25NHG000BI
3
32
32NHG000B
32NHG000BI
3
35
35NHG000B
35NHG000BI
3
40
40NHG000B
40NHG000BI
3
50
50NHG000B
50NHG000BI
3
63
63NHG000B
63NHG000BI
3
80
80NHG000B
80NHG000BI
3
100
100NHG000B
100NHG000BI
3
00
125
125NHG00B
125NHG00BI
3
160
160NHG00B
160NHG00BI
3
0
10
10NHG0B
-
3
16
16NHG0B
-
3
20
20NHG0B
-
3
25
25NHG0B
-
3
32
32NHG0B
-
3
35
35NHG0B
-
3
40
40NHG0B
-
3
50
50NHG0B
-
3
63
63NHG0B
-
3
80
80NHG0B
-
3
100
100NHG0B
-
3
125
125NHG0B
-
3
160
160NHG0B
-
3
01
10
10NHG01B
10NHG01BI
3
16
16NHG01B
16NHG01BI
3
20
20NHG01B
20NHG01BI
3
25
25NHG01B
25NHG01BI
3
32
32NHG01B
32NHG01BI
3
35
35NHG01B
35NHG01BI
3
40
40NHG01B
40NHG01BI
3
50
50NHG01B
50NHG01BI
3
63
63NHG01B
63NHG01BI
3
80
80NHG01B
80NHG01BI
3
100
100NHG01B
100NHG01BI
3
125
125NHG01B
125NHG01BI
3
160
160NHG01B
160NHG01BI
3
1
200
200NHG1B
200NHG1BI
3
224
224NHG1B
224NHG1BI
3
250
250NHG1B
250NHG1BI
3
02
35
35NHG02B
35NHG02BI
3
40
40NHG02B
40NHG02BI
3
50
50NHG02B
50NHG02BI
3
63
63NHG02B
63NHG02BI
3
80
80NHG02B
80NHG02BI
3
100
100NHG02B
100NHG02BI
3
125
125NHG02B
125NHG02BI
3
160
160NHG02B
160NHG02BI
3
200
200NHG02B
200NHG02BI
3
224
224NHG02B
224NHG02BI
3
250
250NHG02B
250NHG02BI
3
2
315
315NHG2B
315NHG2BI
3
355
355NHG2B
355NHG2BI
3
400
400NHG2B
400NHG2BI
3
03
250
250NHG03B
250NHG03BI
3
315
315NHG03B
315NHG03BI
3
355
355NHG03B
355NHG03BI
3
400
400NHG03B
400NHG03BI
3
3
500
500NHG3B
500NHG3BI
3
630
630NHG3B
630NHG3BI
3
4
Slotted
End Tags
500
500NHG4G
-
3
630
630NHG4G
-
3
800
800NHG4G
-
3
1000
1000NHG4G
-
3
1250
1250NHG4G
-
3
4A
None
Slotted
End Tags
630
630NH4AG
-
3
800
800NH4AG
-
3
900
900NH4AG
-
3
1000
1000NH4AG
-
3
1250
1250NH4AG
-
3
1600
1600NH4AG
-
3
Catalogue Numbers
30
Volts: - 500V ac
Amps: - 2 - 1600A
IR - 120kA - 500V ac
- 50kA - 250V dc
Data Sheets: 2142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com