Electronic Components Datasheet Search
  English  ▼

X  

GF800 Datasheet(PDF) 25 Page - Cooper Bussmann, Inc.

Part # GF800
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF800 Datasheet(HTML) 25 Page - Cooper Bussmann, Inc.

Back Button GF800 Datasheet HTML 21Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 22Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 23Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 24Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 25Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 26Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 27Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 28Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 29Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
CHD
250 - 400V / 10 - 32A
Sizes: 8x23, 10x25, 8x31
10x31, 10x38
Specifications
Description:
Fuse Holder for domestic cylindrical
fuses. Secured to DIN rail and available with light
indicator for active fuse function. Range as single-pole
and single-pole plus neutral in one module.
Ratings:
Applications:
Protection for power lines, heating
circuits, lighting circuits. electrical domestic appliances
and domestic electricity meters
Agency Information:
NF C 62203, EN IEC 60269-3,
NF marking on all models
Modular Domestic Fuse Holders
Volts: - 250V ac (8x31, 10x25)
- 400V ac (8x31, 10x31, 10x38)
Amps: - 10 - 32A
IR - 6kA (6x23, 8x23, 10x25)
- 20kA (8x31, 10x31, 8x36, 10x38)
Catalogue Numbers
Size
Rating
(A)
Voltage
(V)
Single Pole
Single Pole + Neutral
UP
without
Indicator
with
Indicator
without
Indicator
with
Indicator
8x23
10
250
CHD8231D CHD8231DI CHD8231DN CHD8231DNI 12
10x25
16
250
CHD10251D CHD10251DI CHD10251DN CHD10251DNI 12
8x31
20
400
CHD8311D CHD8311DI CHD8311DN CHD8311DNI 12
10x31
25
400
CHD10311D CHD10311DI CHD10311DN CHD10311DNI 12
10x38
32
400
CHD1038D CHD1038DI CHD1038DN CHD1038DNI 12
Neutral
32
400
CHDND
-
-
-
12
UP: Unit Packing
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com