Electronic Components Datasheet Search
  English  ▼

X  

GF800 Datasheet(PDF) 13 Page - Cooper Bussmann, Inc.

Part # GF800
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF800 Datasheet(HTML) 13 Page - Cooper Bussmann, Inc.

Back Button GF800 Datasheet HTML 9Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 10Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 11Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 12Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 13Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 14Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 15Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 16Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 17Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Centre Bolted Tags
660 - 690V ac / 2 - 630A
250 - 400V dc
Specifications
Description:
Fuse Links for industrial
applications at 660/690V that meets
dimensional and performance
requirements of BS88 and IEC 269-1-2
standards.
Ratings:
Applications:
Protection of large industrial installations
at 660/690Vac
Agency Information:
Meets BS88: Part 1 & 2 and IEC
269: Parts 1 & 2
RoHS Compliant
Dimensions
Catalogue Numbers
Industrial Applications to BS88 - 660/690V
Rating
(A)
Catalogue
Number
BS
Reference
Fixing
Centres
(mm)
Unit
Packing
2
2K08-660
N/A
93
20
4
4K08-660
6
6K08-660
10
10K08-660
16
16K08-660
20
20K08-660
32
32K08-660
40
40K08-660
50
50K08-660
63
63K08-660
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
K08-660 2-32A
111.0 92.5
53.7
22.0
2.4
12.7
13.0
7.5
K08-660
40-63A
111.5 93.0
54.2
25.0
K09-660 2-32A
127.0 111
53.7
22.0
2.4
14.0
15.2
8.7
K09-660
40-63A
128.0 111
54.2
25.0
125
125N11-660
N/A
133
1
160
160N11-660
200
200N11-660
250
250N11-660
315
315N11-660
355
355P11-660
C1
133/184
1
400
400P11-660
450
450R11-660
C2
133/184
1
500
500R11-660
560
560R11-660
630
630R11-660
355
355P12-660
N/A
167/231
1
400
400P12-660
450
450R12-660
500
500R12-660
560
560R12-660
630
630R12-660
2
2K09-660
N/A
111
20
4
4K09-660
6
6K09-660
10
10K09-660
16
16K09-660
20
20K09-660
32
32K09-660
40
40K09-660
50
50K09-660
63
63K09-660
80
80L09-660
B1
100
100L09-660
125
125M09-660
B2
160
160M09-660
200
200M09-660
250
250N09-600
B3
315
315N09-660
355
355P09-660
B4
400
400P09-660
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
L09-660
136.0 111
65.5
35.5
3.2
19.0
15.1
8.7
M09-660
135.0 111
65.0
37.0
3.2
19.0
15.0
8.7
N09-660
135.0 111
73.0
49.0
3.2
25.4
12.7
9.5
P09-660
135.5 111
75.0
58.5
4.7
25.4
12.7
9.5
N11-660
162.0 133
73.0
49.0
3.2
25.4
15.8
10.5
Part No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
P11-660
212.0 184
133
75.0 25.4 16.0 10.0 59.0
5.0
P12-660
262.0 231
167
R11-660
210.0 184
133
76.0 26.0 16.0 10.0 74.0
6.5
R12-660
262.0 231
167
Volts: - 660 / 690V ac
- 250V dc (2 - 63A) (K08, K09)
-
400V dc (80 - 630A) (L09, M09, N09,
P09, N11, P11, P12, R11, R12)
Amps: - 2 - 630A
IR - 80kA @ 660V ac
- 40kA @ 250V dc/400V dc
Data Sheets: K08: 415 / L09: 4156 / M09: 4157 / N09: 4158 / P09: 4159 / N11: 4160 / P11: 4161 / R11: 4162 / R12: 4162
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com