Electronic Components Datasheet Search
  English  ▼

X  

GF800 Datasheet(PDF) 31 Page - Cooper Bussmann, Inc.

Part # GF800
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF800 Datasheet(HTML) 31 Page - Cooper Bussmann, Inc.

Back Button GF800 Datasheet HTML 27Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 28Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 29Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 30Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 31Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 32Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 33Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 34Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 35Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Class aM
500 - 690V / 2 - 630A
Sizes 000, 00, 0, 1, 2, 3A
Specifications
Description:
NH Fuses for aM range
industrial protection (general
protection). Double indicator system for
fuse operation (in the body and in the
side plate). Version with voltage free metal gripping lugs for
insulated fuses.
The components used in manufacture are lead and
cadmium free. Fuses subject to HRC recycling commitment.
Ratings:
Applications:
Protection of electrical motors.
Standards and Approvals:
Conform to standards EN IEC
60269, VDE 0636, DIN 43620.
Dimensions:
see page 35
NH Fuses - Dual Indicator
Size
Rated
Current
(A)
aM
Dual Indicator
Unit
Packing
voltage conducting
gripping lugs
voltage free metal
gripping lugs
000
2
-
-
3
4
-
-
6
6NHM000B-690
6NHM000BI-690
10
10NHM000B-690
10NHM000BI-690
16
16NHM000B-690
16NHM000BI-690
20
20NHM000B-690
20NHM000BI-690
25
25NHM000B-690
25NHM000BI-690
32
32NHM000B-690
32NHM000BI-690
35
35NHM000B-690
35NHM000BI-690
40
40NHM000B-690
40NHM000BI-690
00
50
50NHM00B
50NHM00BI
3
63
63NHM00B
63NHM00BI
80
80NHM00B
80NHM00BI
100
100NHM00B
100NHM00BI
160
160NHM00B
160NHM00BI
0
6
6NHM0B
-
3
10
10NHM0B
-
16
16NHM0B
-
20
20NHM0B
-
25
25NHM0B
-
32
32NHM0B
-
35
35NHM0B
-
40
40NHM0B
-
50
50NHM0B
-
63
63NHM0B
-
80
80NHM0B
-
100
100NHM0B
-
1
50
-
-
3
63
63NHM1B-690
63NHM1BI-690
80
80NHM1B
80NHM1BI
100
100NHM1B
100NHM1BI
125
125NHM1B
125NHM1BI
160
160NHM1B
160NHM1BI
200
200NHM1B
200NHM1BI
224
224NHM1B
224NHM1BI
250
250NHM1B
250NHM1BI
2
63
-
-
3
80
-
-
100
-
-
125
125NHM2B-690
125NHM2BI-690
160
160NHM2B-690
160NHM2BI-690
200
200NHM2B-690
200NHM2BI-690
224
224NHM2B-690
224NHM2BI-690
250
250NHM2B-690
250NHM2BI-690
315
315NHM2B-690
315NHM2BI-690
355
355NHM2B-690
355NHM2BI-690
400
400NHM2B
400NHM2BI
3
250
-
-
3
315
315NHM3B-690
315NHM3BI-690
355
355NHM3B-690
355NHM3BI-690
400
400NHM3B-690
400NHM3BI-690
500
500NHM3B-690
500NHM3BI-690
630
630NHM3B
630NHM3BI
Catalogue Numbers
Volts: - 690V ac
Amps: - 25 - 32A
IR - 80 kA - 500Vac (sizes 000,00 - up to 100A)
- 120kA - 500Vac/690Vac
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com