Electronic Components Datasheet Search
  English  ▼

X  

GF800 Datasheet(PDF) 10 Page - Cooper Bussmann, Inc.

Part # GF800
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF800 Datasheet(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button GF800 Datasheet HTML 6Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 7Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 8Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 9Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 10Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 11Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 12Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 13Page - Cooper Bussmann, Inc. GF800 Datasheet HTML 14Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Merchandising Stand
Specifications
Description:
Merchandising stand with
BS88 fuses packed in packs of 3’s or 10’s
Stand dimensions:
1.88 Metre tall x
0.91 Metre wide x 0.51 Metre deep*
(including hooks)
Catalogue Numbers
Point of Sale Stand
11
Part
Number
Part Description
Pack Qty
(Nb of fuses
per pack)
Outer box
Qty
(MOQ)
M-AAO10
10A 550V BS88 Fuse
3
30
M-AAO16
16A 550V BS88 Fuse
3
30
M-AAO20
20A 550V BS88 Fuse
3
30
M-AAO25
25A 550V BS88 Fuse
3
30
M-AAO32
32A 550V BS88 Fuse
3
30
M-BAO40
40A 550V BS88 Fuse
3
30
M-BAO50
50A 550V BS88 Fuse
3
30
M-BAO63
63A 550V BS88 Fuse
3
30
M-CD100
100A 550V BS88 Fuse
3
30
M-CEO80
80A 550V BS88 Fuse
3
30
M-CEO100
100A 550V BS88 Fuse
3
30
M-NITD2
2A 550V BS88 Fuse
3
30
M-NITD10
10A 550V BS88 Fuse
3
30
M-NITD16
16A 550V BS88 Fuse
3
30
M-NITD20
20A 550V BS88 Fuse
3
30
M-NITD32
32A 550V BS88 Fuse
3
30
M-C180-3A
3A BS1362 Fuse
10
100
M-C180-5A
5A BS1362 Fuse
10
100
M-C180-13A
13A BS1362 Fuse
10
100
M-NSD4
4A 550V BS88 Fuse
3
30
M-NSD6
6A 550V BS88 Fuse
3
30
M-NSD10
10A 550V BS88 Fuse
3
30
M-NSD16
16A 550V BS88 Fuse
3
30
M-NSD20
20A 550V BS88 Fuse
3
30
M-NSD32
32A 550V BS88 Fuse
3
30
M-NITD6
6A 550V BS88 Fuse
3
30
M-STD6
6A 240V BS88 Fuse
3
30
M-STD10
10A 240V BS88 Fuse
3
30
M-32NNSF
32A Safeloc Fuseholder
1
5
M-63ENSF
63A Safeloc Fuseholder
1
5
M-CM20F
20A Camaster Fuseholder
1
5
M-CM32FC
32A Camaster Fuseholder
Compact
1
5
M-CM32F
32A Camaster Fuseholder
1
5
M-CM63F
63A Camaster Fuseholder
1
5
M-CM100F 100A Camaster Fuseholder
1
5
Please note this stand is for the UK market only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com