Electronic Components Datasheet Search
  English  ▼

X  

PCM4202IDBREP Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM4202IDBREP
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converte
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202IDBREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM4202IDBREP Datasheet HTML 12Page - Texas Instruments PCM4202IDBREP Datasheet HTML 13Page - Texas Instruments PCM4202IDBREP Datasheet HTML 14Page - Texas Instruments PCM4202IDBREP Datasheet HTML 15Page - Texas Instruments PCM4202IDBREP Datasheet HTML 16Page - Texas Instruments PCM4202IDBREP Datasheet HTML 17Page - Texas Instruments PCM4202IDBREP Datasheet HTML 18Page - Texas Instruments PCM4202IDBREP Datasheet HTML 19Page - Texas Instruments PCM4202IDBREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
PCM4202-EP
SGLS388
– JUNE 2007
www.ti.com
Table 3. Sampling Mode Selection for PCM Slave Mode Operation
FS2
FS1
FS0
SAMPLING MODE
0
0
0
Single Rate with Clock Auto-Detection
0
0
1
Dual Rate with Clock Auto-Detection
0
1
0
Quad Rate with Clock Auto-Detection
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
Table 4. Sampling Mode Selection for DSD Output Mode Operation
FS2
FS1
FS0
SAMPLING MODE
0
0
0
128 fS DSD Output Rate with fSCKI = 768 fS
0
0
1
128 fS DSD Output Rate with fSCKI = 512 fS
0
1
0
128 fS DSD Output Rate with fSCKI = 384 fS
0
1
1
128 fS DSD Output Rate with fSCKI = 256 fS
1
0
0
64 fS DSD Output Rate with fSCKI = 384 fS
1
0
1
64 fS DSD Output Rate with fSCKI = 256 fS
1
1
0
Reserved
1
1
1
Reserved
AUDIO DATA FORMATS
As mentioned previously, the PCM4202 supports 24 bit linear PCM output data, as well as 1 bit DSD output data.
The available data formats are dependent upon whether the PCM4202 is configured in Slave or Master mode.
The S/M (pin 8), FMT0 (pin 6), and FMT1 (pin 7) inputs are utilized to select either Slave or Master mode and the
corresponding audio data format.
In Slave mode, the PCM bit and left/right clocks (BCK and LRCK) are configured as input pins. DSD data formats
are not supported in Slave mode. Slave mode supports commonly used PCM audio data formats, including Left
Justified, Right Justified, and Philips I2S.
In Master mode, the PCM bit and left/right clocks (BCK and LRCK respectively) are configured as output pins,
and are derived from the system clock input (SCKI). Alternatively, the DSD output data may be provided at the
port output.
Table 5 shows the available data format selections. Figure 3 and Figure 4 illustrate the PCM and DSD data
formats.
Table 5. Audio Data Format Selection
FMT1
FMT0
AUDIO DATA FORMAT
0
0
24 bit Left Justified
0
1
24 bit I2S
1
0
24 bit Right Justified
1
1
1 bit DSD (Master Mode Only)
16
Submit Documentation Feedback
Copyright
© 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com