Electronic Components Datasheet Search
  English  ▼

X  

PCM4202IDBREP Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM4202IDBREP
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converte
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202IDBREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM4202IDBREP Datasheet HTML 18Page - Texas Instruments PCM4202IDBREP Datasheet HTML 19Page - Texas Instruments PCM4202IDBREP Datasheet HTML 20Page - Texas Instruments PCM4202IDBREP Datasheet HTML 21Page - Texas Instruments PCM4202IDBREP Datasheet HTML 22Page - Texas Instruments PCM4202IDBREP Datasheet HTML 23Page - Texas Instruments PCM4202IDBREP Datasheet HTML 24Page - Texas Instruments PCM4202IDBREP Datasheet HTML 25Page - Texas Instruments PCM4202IDBREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Output
Data Pins
65,536
SCKI Periods
Valid Output Data
Outputs are
Forced Low
RST
LO
HI
1024
SCKI Periods
Required for
Initialization
Valid Output Data
Outputs are
Forced Low
O utputs are
Forced Low
Enter
Power- Down
State
V
R EF
L
A G N D L
V
C OM
L
V
IN
L+
V
IN
L-
F M T 0
F M T 1
S /M
F S 0
F S 1
F S 2
H P F D
D G N D
V
D D
V
R EF
R
A G N D R
V
C O M
R
V
IN
R +
V
IN
R -
AG ND
V
C C
C L IP L
C LIP R
R ST
S C K I
L R C K or D S D B C K
B C K o r D S D L
D A T A or D S D R
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
P C M 4 20 2
+
3 3µ F
0.1 µF
0 .1 µF
+
3 3 µ F
+5 V
R ig h t C h a n n e l
An a lo g In pu t
0 .1 µF
3 3 µF
0 .1 µF
Le ft C h a n n e l
An a log Inp u t
In pu t Bu ffe r
F ro m
Lo g ic, µP ,
o r
Ha rd wire d
C o n n e c tion
0 .1 µF
3 3 µF
0 .1 µ F
Digita l Au dio
Tra ns m itte r o r
P ro c e s s o r
To C lip p in g
In dica to rs
To A/D o r S ys te m R e s e t
To Aud io S ys te m C lo c k
+3 .3V
PCM4202-EP
SGLS388
– JUNE 2007
www.ti.com
The input impedance for the VCOMIN pin of the OPA1632 is relatively low and will load down the VCOML or VCOMR
outputs from the PCM4202. A voltage follower circuit is required to buffer these outputs, with a typical circuit
configuration shown in Figure 14. An OPA227 is utilized as the buffer for the PCM4202EVM evaluation board.
However, alternative op amps with comparable performance may be substituted.
Figure 11. ADC Digital Output State for Power-Down Operations
Figure 12. Typical Connection Diagram
22
Submit Documentation Feedback
Copyright
© 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com