Electronic Components Datasheet Search
  English  ▼

X  

PCM4202IDBREP Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM4202IDBREP
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converte
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202IDBREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM4202IDBREP Datasheet HTML 17Page - Texas Instruments PCM4202IDBREP Datasheet HTML 18Page - Texas Instruments PCM4202IDBREP Datasheet HTML 19Page - Texas Instruments PCM4202IDBREP Datasheet HTML 20Page - Texas Instruments PCM4202IDBREP Datasheet HTML 21Page - Texas Instruments PCM4202IDBREP Datasheet HTML 22Page - Texas Instruments PCM4202IDBREP Datasheet HTML 23Page - Texas Instruments PCM4202IDBREP Datasheet HTML 24Page - Texas Instruments PCM4202IDBREP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
1024 System Clock Periods
Required for Initialization
SCKI
Internal
Reset
0V
0V
0V
t
RSTL > 40ns
RST
Internal
Reset
Output
Data Pins
Valid Output Data
Outputs are Forced Low
for 1024 SCKI Periods
Valid Output Data
Outputs are Forced Low
Initialization
Period
H I
L O
PCM4202-EP
www.ti.com
SGLS388
– JUNE 2007
Figure 9. External Reset Timing
Figure 10. ADC Digital Output State for Reset Operations
POWER-DOWN OPERATION
The PCM4202 can be forced to a power-down state by applying a low level to the RST input (pin 19) for a
minimum of 65,536 system clock cycles. In power-down mode, all internal clocks are stopped, and output data
pins are forced low. The system clock may then be removed to conserve additional power. Before exiting
power-down mode, the system and audio clocks should be restarted. Once the clocks are active, the RST input
may be driven high, which initiates a reset initialization sequence. Figure 11 illustrates the state of the output
data pins during before, during, and upon exiting the power-down state.
APPLICATIONS INFORMATION
A typical connection diagram for the PCM4202 is shown in Figure 12. Capacitors for power supply and reference
bypassing are shown with recommended values. Bypass capacitors should be located as close as possible to
the power supply and reference pins of the PCM4202. Due to its small size, the 0.1
μF capacitor can be located
on the component (top) side of the board, while the larger 33
μF capacitor can be located on the solder (bottom)
side of the board.
A single ground plane is utilized for the analog and digital ground connections. This approach ensures a low
impedance connection between the analog and digital ground pins. The 5 V analog and 3.3 V digital power
connections are provided from separate supplies.
Figure 13 illustrates an example input buffer circuit, designed for balanced differential input signals. This circuit is
utilized on the PCM4202EVM evaluation board. The 2.7 nF and 100 pF capacitors shown at the output of the
buffer should be located as close as possible to the analog input pins of the PCM4202. The buffer shown in
Figure 13 can be easily made to function as a single ended to differential converter by simply grounding the (
–)
input terminal of the buffer circuit.
Copyright
© 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com