Electronic Components Datasheet Search
  English  ▼

X  

PCM4202IDBREP Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM4202IDBREP
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converte
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202IDBREP Datasheet(HTML) 1 Page - Texas Instruments

  PCM4202IDBREP Datasheet HTML 1Page - Texas Instruments PCM4202IDBREP Datasheet HTML 2Page - Texas Instruments PCM4202IDBREP Datasheet HTML 3Page - Texas Instruments PCM4202IDBREP Datasheet HTML 4Page - Texas Instruments PCM4202IDBREP Datasheet HTML 5Page - Texas Instruments PCM4202IDBREP Datasheet HTML 6Page - Texas Instruments PCM4202IDBREP Datasheet HTML 7Page - Texas Instruments PCM4202IDBREP Datasheet HTML 8Page - Texas Instruments PCM4202IDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PCM4202-EP
www.ti.com
SGLS388
– JUNE 2007
High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio
Analog-to-Digital Converter
Check for Samples: PCM4202-EP
1
FEATURES
2
•
Controlled Baseline
– THD+N (VIN = –0.5 dB, fIN = 1 kHz): –102 dB
– One Assembly/Test Site, One Fabrication
•
Audio Serial Port
Site
– 24 Bit Linear PCM Output Data
•
Extended Temperature Performance of
–40°C
– Master or Slave Mode Operation
to 85
°C
– Supports Left-Justified, Right-Justified, and
•
Enhanced Diminishing Manufacturing Sources
I2S® Data Formats
(DMS) Support
•
Additional PCM Output Features:
•
Enhanced Product-Change Notification
– Linear-Phase Digital Decimation Filter
•
Qualification Pedigree
– Digital High-Pass Filter for DC Removal
Component qualification in accordance with JEDEC and industry
– Clipping Flag Output for Each Channel
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
•
Power Supplies: 5 V Analog and 3.3 V Digital
Accelerated Stress Test (HAST) or biased 85/85, temperature
•
Power Dissipation:
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification testing
– fS = 48 kHz: 308 mW typical
should not be viewed as justifying use of this component beyond
– fS = 96 kHz: 338 mW typical
specified
performance and environmental limits.
– fS = 192 kHz: 318 mW typical
•
Two High-Performance, Delta-Sigma
•
Power-Down Mode
Analog-to-Digital Converters
•
Available in a SSOP-28 Package
– 24 Bit Linear PCM or 1 Bit Direct Stream
•
Pin- and Function-Compatible with the
Digital (DSD) Output Data
PCM1804
– Supports PCM Output Sampling Rates up
to 216 kHz
APPLICATIONS
– Supports 64 fS and 128 fS DSD Output Data
•
Digital Recorders and Mixing Desks
Rates
•
Digital Audio Effects Processors
•
Dynamic Performance: PCM Output
•
Broadcast Studio Equipment
– Dynamic Range (VIN = –60 dBFS, fIN = 1 kHz,
•
Surround-Sound Encoders
A-Weighted): 118 dB
•
High-End A/V Receivers
– THD+N (VIN = –0.5 dB, fIN = 1 kHz): –105 dB
•
Dynamic Performance: DSD Output, 64 fS
– Dynamic Range (A-Weighted): 115 dB
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2S is a registered trademark of Royal Philips Electronics B.V., The Netherlands.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM4202IDBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM4202IDBREP TI-PCM4202IDBREP Datasheet
1Mb / 30P
High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
More results

Similar Description - PCM4202IDBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM4202 BURR-BROWN-PCM4202 Datasheet
342Kb / 26P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4202-EP TI-PCM4202-EP_15 Datasheet
1Mb / 30P
High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com