Electronic Components Datasheet Search
  English  ▼

X  

PCM4202IDBREP Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM4202IDBREP
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converte
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202IDBREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM4202IDBREP Datasheet HTML 13Page - Texas Instruments PCM4202IDBREP Datasheet HTML 14Page - Texas Instruments PCM4202IDBREP Datasheet HTML 15Page - Texas Instruments PCM4202IDBREP Datasheet HTML 16Page - Texas Instruments PCM4202IDBREP Datasheet HTML 17Page - Texas Instruments PCM4202IDBREP Datasheet HTML 18Page - Texas Instruments PCM4202IDBREP Datasheet HTML 19Page - Texas Instruments PCM4202IDBREP Datasheet HTML 20Page - Texas Instruments PCM4202IDBREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Left Channel
(a) Left Justified Data Form at
(b) Right Justified Data Form at
Right Channel
LRCKI
BCKI
DATA
M S B
LS B
L S B
M S B
LRCKI
BCKI
DATA
M S B
M S B
L S B
L S B
(c) I2S Data Form at
1/f
S
LRCKI
BCKI
DATA
M S B
LS B
M S B
L S B
D S D B C K
D SD L
D S D R
D
N -3
D
N -2
D
N -1
D
N
D
N +1
D
N +2
D
N + 3
D
N +4
PCM4202-EP
www.ti.com
SGLS388
– JUNE 2007
Figure 3. PCM Data Formats: Left Justified, Right Justified, and Philips I2S
Figure 4. DSD Output Data Format
AUDIO SERIAL PORT OPERATION
This section provides additional details regarding the PCM4202 audio serial port, utilized for 24 bit linear PCM or
1 bit DSD output data. PCM output operation will be described in this section, while DSD output mode operation
will be described in the following section.
For PCM data formats, the serial port is comprised of three signals: BCK (pin 16), LRCK (pin 17), and DATA (pin
15). The BCK signal functions as the data (or bit) clock for the serial audio data. The LRCK is the left/right word
clock for the audio serial port. The LRCK and BCK clocks must be synchronous. The DATA signal is the serial
audio data output, with data being clocked out on the falling edge of the BCK signal. DATA carries audio data for
both the Left and Right channels.
As mentioned in the Audio Data Format section of this datasheet, the audio serial port can operate in Master or
Slave mode. In Master mode, the BCK and LRCK clock signals are outputs, derived from the system clock input,
SCKI. The BCK clock is fixed at 128 fS for Single Rate sampling mode, and at 64 fS for Dual or Quad Rate
sampling modes. The LRCK clock operates at fS, the output sampling rate (that is, 48 kHz, 96 kHz, etc.).
Copyright
© 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com