Electronic Components Datasheet Search
  English  ▼

X  

PCM4202IDBREP Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM4202IDBREP
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converte
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202IDBREP Datasheet(HTML) 4 Page - Texas Instruments

  PCM4202IDBREP Datasheet HTML 1Page - Texas Instruments PCM4202IDBREP Datasheet HTML 2Page - Texas Instruments PCM4202IDBREP Datasheet HTML 3Page - Texas Instruments PCM4202IDBREP Datasheet HTML 4Page - Texas Instruments PCM4202IDBREP Datasheet HTML 5Page - Texas Instruments PCM4202IDBREP Datasheet HTML 6Page - Texas Instruments PCM4202IDBREP Datasheet HTML 7Page - Texas Instruments PCM4202IDBREP Datasheet HTML 8Page - Texas Instruments PCM4202IDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
PCM4202-EP
SGLS388
– JUNE 2007
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All parameters are specified at TA = 25°C with VCC = 5 V, VDD = 3.3 V (unless otherwise noted), and a measurement
bandwidth from 20 Hz to 20 kHz, unless otherwise noted. System clock frequency is equal to 256 fS for Single and Dual Rate
sampling modes, and 128 fS for Quad Rate sampling mode.
PCM4202
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DYNAMIC PERFORMANCE(3)
fS = 48 kHz, Single Rate
BW = 20 Hz to 20 kHz
VIN = –0.5 dBFS, fIN = 1 kHz
–105
–95
Total harmonic distortion + noise
THD+N
dB
VIN = –0.5 dBFS, fIN = 1 kHz (–40°C
–90
to 85
°C)
VIN = –60 dBFS, fIN = 1 kHz,
112
118
A-Weighted
Dynamic range
dB
VIN = –60 dBFS, fIN = 1 kHz,
108
A-Weighted (
–40°C to 85°C)
Dynamic range, no weighting
VIN = –60 dBFS, fIN = 1 kHz
116
dB
Channel separation
(
–40°C to 85°C)
100
120
dB
fS = 96 kHz, Dual Rate
BW = 20 Hz to 40 kHz
Total harmonic distortion + noise
THD+N
VIN = –0.5 dBFS, fIN = 1 kHz
–105
dB
VIN = –60 dBFS, fIN = 1 kHz,
Dynamic range
118
dB
A-Weighted
Dynamic range, no weighting
VIN = –60 dBFS, fIN = 1 kHz
112
dB
Channel separation
120
dB
fS = 192 kHz, Quad Rate
BW = 20 Hz to 40 kHz
Total harmonic distortion + noise
THD+N
VIN = –0.5 dBFS, fIN = 1 kHz
–103
dB
Dynamic range
VIN = 0 VRMS, A-Weighted
117
dB
Dynamic range, no weighting
VIN = 0 VRMS
108
dB
Channel separation
120
dB
DSD Output, 64 fS Rate
DSDBCK = 2.8224 MHz
Total harmonic distortion + noise
THD+N
VIN = –0.5 dBFS, fIN = 1 kHz
–102
dB
VIN = –60 dBFS, fIN = 1 kHz,
Dynamic range
115
dB
A-Weighted
Channel separation
120
dB
DSD Output, 128 fS Rate
DSDBCK = 5.6448 MHz
Total harmonic distortion + noise
THD+N
VIN = –0.5 dBFS, fIN = 1 kHz
–105
dB
VIN = –60 dBFS, fIN = 1 kHz,
Dynamic range
118
dB
A-Weighted
Channel separation
120
dB
DIGITAL DECIMATION FILTER
Passband edge
Single and Dual Rate
0.453 fS
Hz
Passband ripple
Single and Dual Rate
�0.005
dB
Passband edge
Single and Dual Rate
0.547 fS
Hz
Stop band attenuation
Single and Dual Rate
–100
dB
Group delay
Single and Dual Rate
37/fS
sec
Passband edge (
–0.005 dB)
Quad Rate
0.375 fS
Hz
–3 dB cutoff frequency
Quad Rate
0.490 fS
Hz
Passband ripple
Quad Rate
±0.005
dB
Passband edge
Quad Rate
0.770 fS
Hz
Stop band attenuation
Quad Rate
–135
dB
(3)
Dynamic performance parameters are measured using an Audio Precision System Two Cascade or Cascade Plus test system. The
measurement bandwidth is limited by using the Audio Precision 22 Hz high-pass filter in combination with the Audio Precision 20 kHz,
fS/2, or a user-defined 40 kHz low-pass filter. All A-weighted measurements are performed using the Audio Precision A-weighting filter in
combination with the previously mentioned filters.
4
Submit Documentation Feedback
Copyright
© 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com