Electronic Components Datasheet Search
  English  ▼

X  

PCM4202IDBREP Datasheet(PDF) 15 Page - Texas Instruments

Part # PCM4202IDBREP
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converte
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202IDBREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM4202IDBREP Datasheet HTML 11Page - Texas Instruments PCM4202IDBREP Datasheet HTML 12Page - Texas Instruments PCM4202IDBREP Datasheet HTML 13Page - Texas Instruments PCM4202IDBREP Datasheet HTML 14Page - Texas Instruments PCM4202IDBREP Datasheet HTML 15Page - Texas Instruments PCM4202IDBREP Datasheet HTML 16Page - Texas Instruments PCM4202IDBREP Datasheet HTML 17Page - Texas Instruments PCM4202IDBREP Datasheet HTML 18Page - Texas Instruments PCM4202IDBREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
SCKI
t
SCK I
t
SCKIH
t
SCK IL
PA R A M E T E R
D E S C R IP T IO N
M IN
M A X
U N IT S
System Clock Period
26
ns
t SCKIH
System Clock High Pulse Time
12
ns
t SCKIL
System Clock Low Pulse Tim e
12
ns
t SCKI
PCM4202-EP
www.ti.com
SGLS388
– JUNE 2007
Figure 2. System Clock Timing Requirements
SAMPLING MODES
The PCM4202 may be operated in one of three PCM sampling modes, or at one of two DSD output data rates.
The PCM sampling modes are referred to as Single Rate, Dual Rate, and Quad Rate.
Single Rate mode is utilized for sampling rates up to 54 kHz. The delta-sigma modulator oversamples the analog
input signal by a rate equal to 128 times the desired output sampling rate.
Dual Rate mode is utilized for sampling rates higher than 54 kHz and up to 108 kHz. The delta-sigma modulator
oversamples the analog input signal by a rate equal to 64 times the desired output sampling rate.
Quad Rate mode is utilized for sampling frequencies higher than 108 kHz and up to 216 kHz. The delta-sigma
modulator oversamples the analog input signal by a rate equal to 32 times the desired output sampling rate.
For DSD output data, the user may select either 64 fS or 128 fS oversampled data rates, where fS is the base
sampling rate, which is 44.1 kHz for Super Audio CD (SACD) applications. The 64 fS data rate is analogous to
the Dual Rate PCM sampling mode, where the analog input signal is oversampled by a rate equal to 64 times
the base sampling rate. The 128 fS data rate corresponds to the Single Rate PCM sampling mode, where the
analog input signal is oversampled by a rate equal to 128 times the base sampling rate.
Table 1 indicates the sampling mode utilized for common system clock and sampling rate combinations. The FS0
(pin 9), FS1 (pin 10), and FS2 (pin 11) inputs are utilized to select the sampling mode for the PCM4202. If the
state of the sampling mode pins is changed any time after power-up reset initialization, the user should issue an
external forced reset to re-initialize the PCM4202. Table 2, Table 3, and Table 4 indicate the sampling mode
selections for PCM Master and Slave mode operation, as well as the DSD Output mode.
Table 2. Sampling Mode Selection for PCM Master Mode Operation
FS2
FS1
FS0
SAMPLING MODE WITH SYSTEM CLOCK RATE
0
0
0
Single Rate with fSCKI = 768 fS
0
0
1
Single Rate with fSCKI = 512 fS
0
1
0
Single Rate with fSCKI = 384 fS
0
1
1
Single Rate with fSCKI = 256 fS
1
0
0
Dual Rate with fSCKI = 384 fS
1
0
1
Dual Rate with fSCKI = 256 fS
1
1
0
Quad Rate with fSCKI = 192 fS
1
1
1
Quad Rate with fSCKI = 128 fS
Copyright
© 2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com