Electronic Components Datasheet Search
  English  ▼

X  

TLS1242 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLS1242
Description  CURRENT-MODE PWM CONTROLLER WITH POWER-FACTOR CORRECTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLS1242 Datasheet(HTML) 2 Page - Texas Instruments

  TLS1242 Datasheet HTML 1Page - Texas Instruments TLS1242 Datasheet HTML 2Page - Texas Instruments TLS1242 Datasheet HTML 3Page - Texas Instruments TLS1242 Datasheet HTML 4Page - Texas Instruments TLS1242 Datasheet HTML 5Page - Texas Instruments TLS1242 Datasheet HTML 6Page - Texas Instruments TLS1242 Datasheet HTML 7Page - Texas Instruments TLS1242 Datasheet HTML 8Page - Texas Instruments TLS1242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TLS1242, TLS1244
CURRENT-MODE PWM CONTROLLER
WITH POWER-FACTOR CORRECTOR
SLVS161 – MAY 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
functional block diagram
Reference
Regulator
VCC
UVLO
+
–
+
–
34 V
R
R
Vref Good
T
Oscillator
S
PWM
Latch
R
Q
Q
S
PFC
Latch
R
Q
Q
Current Sense
Comparator
1 V
_
+
VCC
PKLIM
Comparator
+
–
Error
Amplifier
VI(SENSE) OVP
Comparator
PFC PWM
Comparator
PGND
_
+
Multiplier
I
V X2
_
+
Voltage
Amplifier
PWM CONTROLLER
PFC CONTROLLER
20
10
5
4
2
1
15
8
7
9
14
12
11
13
18
17
3
16
6
19
VCC
REF
SYNC
RT
CT
FB
COMP
PKLIM
CAO
ISENS2
MULT
IAC
AO
VSENSE
RMS
2.5 V
OUT1
PGND
ISENS1
OUT2
GND
Current
Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com