Electronic Components Datasheet Search
  English  ▼

X  

TLS1242 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLS1242
Description  CURRENT-MODE PWM CONTROLLER WITH POWER-FACTOR CORRECTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLS1242 Datasheet(HTML) 3 Page - Texas Instruments

  TLS1242 Datasheet HTML 1Page - Texas Instruments TLS1242 Datasheet HTML 2Page - Texas Instruments TLS1242 Datasheet HTML 3Page - Texas Instruments TLS1242 Datasheet HTML 4Page - Texas Instruments TLS1242 Datasheet HTML 5Page - Texas Instruments TLS1242 Datasheet HTML 6Page - Texas Instruments TLS1242 Datasheet HTML 7Page - Texas Instruments TLS1242 Datasheet HTML 8Page - Texas Instruments TLS1242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TLS1242, TLS1244
CURRENT-MODE PWM CONTROLLER
WITH POWER-FACTOR CORRECTOR
SLVS161 – MAY 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
AO
12
Voltage amplifier output for frequency compensation
CAO
8
Current amplifier output for PFC
COMP
1
Error amplifier output for frequency compensation
CT
4
Oscillator timing control
FB
2
Error amplifier inverting input for PWM
GND
6
Control section ground
IAC
14
Current multiplier input
ISENS1
3
Input from current-sense device of PWM, connected to current-sense comparator
ISENS2
7
Input from current sense device of PFC, connected to current amplifier
MULT
9
Multiplier output
OUT1
18
Totem-pole output for PWM
OUT2
16
Totem-pole output for PFC
PGND
17
Output section ground
PKLIM
15
Peak current limit for PFC
REF
20
Output for the 5 V reference
RMS
13
Input for PFC rms line compensation
RT
5
Oscillator charge current control
SYNC
10
External synchronous signal input pin
VCC
19
Positive supply
VSENSE
11
Voltage amplifier inverting input for PFC
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VDD (see Note 1)
Self-limiting
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range at FB, ISENS, VSENSE, RMS and PKLIM
0.3 V to 6.3 V
. . . . . . . . . . . . . . . . . . . .
Voltage at OUT1 and OUT2
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply current, ICC
TBD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Amplifier output sink current
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See dissipation rating table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operation free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: All voltages are with respect to GND. Maximum package power dissipation limits must be observed.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
N
1874 mW
15 mW/
°C
1200 mW
975 mW
DW
1430 mW
11.4 mW/
°C
915 mW
744 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com