Electronic Components Datasheet Search
  English  ▼

X  

TLS1242 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLS1242
Description  CURRENT-MODE PWM CONTROLLER WITH POWER-FACTOR CORRECTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLS1242 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLS1242 Datasheet HTML 5Page - Texas Instruments TLS1242 Datasheet HTML 6Page - Texas Instruments TLS1242 Datasheet HTML 7Page - Texas Instruments TLS1242 Datasheet HTML 8Page - Texas Instruments TLS1242 Datasheet HTML 9Page - Texas Instruments TLS1242 Datasheet HTML 10Page - Texas Instruments TLS1242 Datasheet HTML 11Page - Texas Instruments TLS1242 Datasheet HTML 12Page - Texas Instruments TLS1242 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
C1
C2
C3
C4
F1
L1
MOV
BD1
C5
D1
T1
R28
ZD2
R1
D2
Q1
+
C8
R22
R23
R28
R30
R25
ZD5
D6
Q2
R18
R16
C8
R17
D4
R111
C101
C111
C103
C102
C104
L101
L103
R101
13
10
14
9
6
5
4
3
2
1
12
11
16
15
8
7
17
18
19
20
IC1
C23
ZD1
C13
R6
R8
C17
C16
R10
Q3
C24
R29
R12
C18
C18
C20
R11
ZD4
C21
C22
R31
C11
VR1
AC
C21
C12
R5
R4
R7
R13
R27
R3
R2
C10
R32
R14
C105
C106
L102
R103
D101
R112
C113
R102
D102
D103
C107
C108
L104
R104
D104
C109
C110
L105
D104
IC102
C112
R105
R33
R20
C7
C8
R21
200 V to
0.3 A
90 V to
0.2 A
24 V to
0.2 A
15 V to
1 A
GND
6.3 V to
0.7 A
0 V to
0.2 A
SYNC
1. COMP
2. FB
3. ISENS1
4. CT
5. RT
6. GND
9. MULT
14. IAC
10. SYNC
13. RMS
20.REF
19. VCC
18. OUT1
17. PGND
7. ISENS2
8. CAD
15. PKLIM
16. OUT2
11. VSENSE
12. AO
NOTE: Recommended power MOSFET gate limit resistor, R25, R26 > 20
Ω
Figure 3. Application Circuit, Flyback
PRODUCT PREVIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com