Electronic Components Datasheet Search
  English  ▼

X  

TLS1242 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLS1242
Description  CURRENT-MODE PWM CONTROLLER WITH POWER-FACTOR CORRECTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLS1242 Datasheet(HTML) 5 Page - Texas Instruments

  TLS1242 Datasheet HTML 1Page - Texas Instruments TLS1242 Datasheet HTML 2Page - Texas Instruments TLS1242 Datasheet HTML 3Page - Texas Instruments TLS1242 Datasheet HTML 4Page - Texas Instruments TLS1242 Datasheet HTML 5Page - Texas Instruments TLS1242 Datasheet HTML 6Page - Texas Instruments TLS1242 Datasheet HTML 7Page - Texas Instruments TLS1242 Datasheet HTML 8Page - Texas Instruments TLS1242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TLS1242, TLS1244
CURRENT-MODE PWM CONTROLLER
WITH POWER-FACTOR CORRECTOR
SLVS161 – MAY 1997
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V (see
Note 2), RT = 47 k
Ω, CT = 2.2 nF, PKLIM = 1 V, RMS = 1.5 V, IAC = 100 µA, ISENS = 0 V, CAO = 4 V,
AO = 3.5 V, VSENSE = 3 V, TA = full range (unless otherwise specified)
comparator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVP threshold voltage
2.6
2.7
2.8
V
OVP hysteresis voltage
80
115
150
mV
Threshold voltage, PKLIM
–0.2
0
0.2
V
Delay to OUT2, PKLIM
VSENSE < 2.5 V,
See Note 4
150
300
ns
voltage amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage
AO at 2.5 V
2.42
2.58
V
Bias current, VSENSE
VSENSE = 2.5 V
–500
–25
500
nA
Open-loop voltage amplification
VO = 2 V to 6 V
70
100
dB
Gain-bandwidth product
fI = 100 kHz,
See Note 4
10 mV VO(PP),
0.7
1
MHz
Supply-voltage rejection ratio
VCC = 12 V to 20 V
60
70
dB
Output short-circuit current
VO = 0 V
–1.5
–3.5
mA
High-level output voltage
IL = –500 µA
5
6
V
Low-level output voltage
IL = 500 µA
0.7
1.1
V
current amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input offset voltage
VI(CM) = 0 V
–2
2
mV
Input bias current
VI(CM) = 0 V
–500
500
nA
Open-loop voltage amplification
VI(CM) = 0 V, VO = 2 V to 6 V
80
110
dB
Gain-bandwidth product
fI = 100 kHz,
See Note 4
10 mV VO(PP),
1
3
MHz
Supply-voltage rejection ratio
VCC = 12 V to 20 V
60
70
dB
Output short-circuit current
VO = 0 V
–1.5
–3.5
mA
High-level output voltage
IL = –500 µA
5
6
V
Low-level output voltage
IL = 500 µA
0.7
1.1
V
multiplier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output current , IAC limited
IAC = 100
µA, RMS = 1 V
–220
–200
–170
µA
Output current, zero
IAC = 0
µA
–2
–0.2
2
µA
Output current, power limited
RMS = 1.5 V,
AO = 6 V
–220
–200
–170
µA
RMS = 1.5 V,
AO = 5 V
–156
Output current
RMS = 1.5 V,
AO = 2 V
–22
µA
Output current
RMS = 5 V,
AO = 5 V
–14
µA
RMS = 5 V,
AO = 2 V
–2
Gain constant
RMS = 1.5 V,
See Note 5
AO = 6 V,
–1.1
–1
–0.9
A/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com