Electronic Components Datasheet Search
  English  ▼

X  

TLS1242 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLS1242
Description  CURRENT-MODE PWM CONTROLLER WITH POWER-FACTOR CORRECTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLS1242 Datasheet(HTML) 1 Page - Texas Instruments

  TLS1242 Datasheet HTML 1Page - Texas Instruments TLS1242 Datasheet HTML 2Page - Texas Instruments TLS1242 Datasheet HTML 3Page - Texas Instruments TLS1242 Datasheet HTML 4Page - Texas Instruments TLS1242 Datasheet HTML 5Page - Texas Instruments TLS1242 Datasheet HTML 6Page - Texas Instruments TLS1242 Datasheet HTML 7Page - Texas Instruments TLS1242 Datasheet HTML 8Page - Texas Instruments TLS1242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TLS1242, TLS1244
CURRENT-MODE PWM CONTROLLER
WITH POWER-FACTOR CORRECTOR
SLVS161 – MAY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Single-Chip Solution for High-Power-Factor
Switching Power Supply
D Current-Mode PWM Controller
D Fixed-Frequency Average-Current
Power-Factor Corrector (PFC)
Synchronized with PWM Controller
D Full Range ac Operation
D Low Start-Up Current
D Pulse-by-Pulse Current Limiting for PFC
D Undervoltage Lockout with Hysteresis
D Internally Trimmed Bandgap Reference
D External Synchronous Pin
D Overvoltage Protection for PFC
D Upper 8 Pins Configuration Same as
UC3842
description
The TLS1242 and TLS1244 are designed as optimal high-power-factor switching power supply systems with
minimum external components. The current-mode PWM controller and the fixed-frequency average-current
power-factor corrector (PFC) of each device are combined into a 20-pin DIP package. Internally implemented
circuits include: undervoltage lockout (UVLO), featuring a low start-up current; a precision reference that can
be trimmed for accuracy at the error amplifier input; a multiplier; two PWM comparators; overvoltage protection
(OVP); and two totem-pole output stages designed to source or sink current. The output stage is suitable for
driving n-channel MOSFETs, and is low when in the off state.
The fixed-frequency average-current-mode power-factor-correction controller circuit is synchronized with a
current-mode PWM controller internally. Fixed-frequency power-factor correction helps prevent problems in
frequency-sensitive applications such as video monitor, telecom, RF transmitters, and medical imaging. The
synchronization of the PFC with the PWM controller helps reduce EMI problems as well.
The pin assignment of both the TLS1242 and the TLS1244 is intended to accommodate the UC3842/3844 as
well, if PFC is not required in the application. The upper pins (1, 2, 3, 4, 17, 18, 19 and 20) have the same pin
assignment as the UC3842, making the current-mode SPS application more flexible.
The PWM portion of the TLS1242 can operate to duty cycle approaching 100%. A duty cycle range of 0 to 50%
is obtained using the TLS1244.
The TLS1242 and TLS1244 are characterized for operation from 0
°C to 70°C.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
COMP
FB
ISENS1
CT
RT
GND
ISENS2
CAO
MULT
SYNC
REF
VCC
OUT1
PGND
OUT2
PKLIM
IAC
RMS
AO
VSENSE
N OR DW PACKAGE
(TOP VIEW)


Similar Part No. - TLS1242

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLS124 TOSHIBA-TLS124 Datasheet
416Kb / 4P
TOSHIBA LED LAMP
1996-09-20
More results

Similar Description - TLS1242

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
POWER FACTOR CORRECTOR
Sep-1998
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
POWER FACTOR CORRECTOR
logo
STMicroelectronics
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
POWER FACTOR CORRECTOR
Jun-2004
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com