Electronic Components Datasheet Search
  English  ▼

X  

TLS1242 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLS1242
Description  CURRENT-MODE PWM CONTROLLER WITH POWER-FACTOR CORRECTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLS1242 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLS1242 Datasheet HTML 2Page - Texas Instruments TLS1242 Datasheet HTML 3Page - Texas Instruments TLS1242 Datasheet HTML 4Page - Texas Instruments TLS1242 Datasheet HTML 5Page - Texas Instruments TLS1242 Datasheet HTML 6Page - Texas Instruments TLS1242 Datasheet HTML 7Page - Texas Instruments TLS1242 Datasheet HTML 8Page - Texas Instruments TLS1242 Datasheet HTML 9Page - Texas Instruments TLS1242 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TLS1242, TLS1244
CURRENT-MODE PWM CONTROLLER
WITH POWER-FACTOR CORRECTOR
SLVS161 – MAY 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V (see
Note 3), RT = 47 k
Ω, CT = 2.2 nF, PKLIM = 1 V, RMS = 1.5 V, IAC = 100 µA, ISENS = 0 V, CAO = 4 V,
AO = 3.5 V, VSENSE = 3 V, TA = full range (unless otherwise specified)
error amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback input voltage
COMP = 2.5 V
2.42
2.58
V
Input bias current
FB = 2.5 V
–0.3
–2
µA
Open-loop voltage amplification
VO = 2 V to 4 V
65
90
dB
Gain-bandwidth product
fI = 100 kHz,
See Note 4
10 mV VO(PP),
0.7
1
MHz
Supply-voltage rejection ratio
VCC = 12 V to 20 V
60
70
dB
Output sink current
FB at 2.7 V,
COMP AT 1.1 V
2
6
mA
Output source current
FB at 2.3 V,
COMP AT 5 V
–0.5
–0.8
mA
High-level output voltage
FB at 2.3 V,
RL = 15 kΩ to GND
5
6
V
Low-level output voltage
FB at 2.7 V,
RL = 15 kΩ to REF
0.7
1.1
V
undervoltage lockout
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start-up threshold voltage
14.5
16
17.5
V
Minimum operating voltage after start-up
8.5
10
11.5
V
output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High level output voltage
IOH = –20 mA
13
13.5
V
High-level output voltage
IOH = –200 mA
12
13.5
V
Low level output voltage
IOL = 20 mA
0.2
0.4
V
Low-level output voltage
IOL = 200 mA
1
2.2
V
Rise time
CL = 1 nF,
TA = 25°C
50
150
ns
Fall time
CL = 1 nF,
TA = 25°C
50
150
ns
pulse-width-modulator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum duty cycle
93%
95%
Minimum duty cycle
0
supply voltage
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start-up current
0.7
1.1
mA
Operating supply current
FB and ISENS and IAC at 0 V
30
mA
Limiting voltage
ICC = 25 mA
34
V
NOTES:
2. Adjust VCC above the start threshold before setting it to 15 V.
3. These parameters are measured at the trip point of the latch with FB at 0 V.
4. Voltage amplification is measured between the input at ISENS1 and the output at COMP with the input changing from 0 V to 0.8 V.
5. Specified by design, not 100% tested in production
6. Gain constant (k) = (II(IAC) × [VI(AO) – 1.5])/(VI(RMS)2 × II(MULT))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com