Electronic Components Datasheet Search
  English  ▼

X  

TLS1242 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLS1242
Description  CURRENT-MODE PWM CONTROLLER WITH POWER-FACTOR CORRECTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLS1242 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLS1242 Datasheet HTML 4Page - Texas Instruments TLS1242 Datasheet HTML 5Page - Texas Instruments TLS1242 Datasheet HTML 6Page - Texas Instruments TLS1242 Datasheet HTML 7Page - Texas Instruments TLS1242 Datasheet HTML 8Page - Texas Instruments TLS1242 Datasheet HTML 9Page - Texas Instruments TLS1242 Datasheet HTML 10Page - Texas Instruments TLS1242 Datasheet HTML 11Page - Texas Instruments TLS1242 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
R102
C1
C2
C3
C4
F1
L1
MOV
BD1
+
C5
D1
T1
R14
R13
D5
ZD2
R1
D2
Q1
+
C5
R22
R23
R25
R26
R21
R20
D8
ZD5
D6
Q2
R18
R18
C10
R17
D7
D9
C210
R210
R112
C112
C211
R211
R113
C113
L101
L101
C101
D103
D104
L104
C103
C105
R104
IC3
C102
L102
L103
C104
C106
IC4
C108
C107
R101
R103
M
FAN 1
R108
12 V
5 V
5 A to 20 A
GND
–12 V
8 A to 8.5 A
–5 V
8 A to 8.5 A
R105
D106
L101
13
10
14
9
6
5
4
3
2
1
12
11
16
15
8
7
17
18
19
20
IC1
C23
R9
ZD1
R7
R8
C13
R4
R5
R6
C12
R24
C17
C16
R10
D8
Q4
C24
R29
R12
C18
C18
C20
R11
ZD4
C21
C22
C26
C??
R16
R28
Q3
C8
R15
C7
C11
TPS5044
7
8
3
C80
R50
4
2
1
R51
VR50
R54
R55
R52
R53
5 V
12 V
AC
IC2
1. COMP
2. FB
3. ISENS1
4. CT
5. RT
6. GND
9. MULT
14. IAC
10. SYNC
13. RMS
20.REF
19. VCC
18. OUT1
17. PGND
7. ISENS2
8. CAD
15. PKLIM
16. OUT2
11. VSENSE
12. AO
NOTE: Recommended power MOSFET gate limit resistor, R13, R14, R20, R21 > 20
Ω
Figure 2. Application Circuit, Forward



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com