Electronic Components Datasheet Search
  English  ▼

X  

BF511 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # BF511
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF511 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button BF511 Datasheet HTML 16Page - NXP Semiconductors BF511 Datasheet HTML 17Page - NXP Semiconductors BF511 Datasheet HTML 18Page - NXP Semiconductors BF511 Datasheet HTML 19Page - NXP Semiconductors BF511 Datasheet HTML 20Page - NXP Semiconductors BF511 Datasheet HTML 21Page - NXP Semiconductors BF511 Datasheet HTML 22Page - NXP Semiconductors BF511 Datasheet HTML 23Page - NXP Semiconductors BF511 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 130 page
background image
21
NXP Semiconductors RF Manual 16th edition
Recommended products
Function
Product
Package
Type
2nd & 3rd
stage LNA
RF transistor
SiGe:C
transistor
SOT343F
BFU710F
BFU730F
Function
Product
Package
Type
Mixer/
oscillator/
downconverter
RF IC
SOT763
TFF1014HN
Product highlight:
Industry’s lowest-power integrated Ku-band downconverters
These Universal DVB-S compliant Ku-band downconverters consume
about 50% less current (52 mA) than other integrated solutions.
They are fully integrated (PLL synthesizer/mixer/IF gain block) and RF
tested – which results in significantly decreased manufacturing time.
Stability of the local oscillator is guaranteed, which improves overall
system reliability over temperature and time, and eliminates the need
for manual alignment in production.
Features
` Ultra-low current consumption (I
CC = 52 mA)
` Low phase noise (1.5° RMS typ)
` Integration bandwidth from 10 kHz to 13 MHz
` Small PCB footprint
- DHVQFN16 package (2.5 x 3.5 x 0.85 mm)
- Only 7 external components
- No inductors necessary
1.3.4 Satellite outdoor unit, twin low-noise block (LNB) with integrated mixer / oscillator / downconverter
Application diagram
aaa-002896
LNA1
H
V
LNA2
3
LNA3
LNA3
LNA3
shared
crystal
LNA3
H/V
DETECT
BPF
TFF1014
SWITCHED TO
LOW-BAND
BPF
LNA1
LNA2
22 kHz
TONE
DETECT
TFF1014
SWITCHED TO
HIGH-BAND
IF out 1
IF out 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com