Electronic Components Datasheet Search
  English  ▼

X  

BF511 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # BF511
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF511 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button BF511 Datasheet HTML 54Page - NXP Semiconductors BF511 Datasheet HTML 55Page - NXP Semiconductors BF511 Datasheet HTML 56Page - NXP Semiconductors BF511 Datasheet HTML 57Page - NXP Semiconductors BF511 Datasheet HTML 58Page - NXP Semiconductors BF511 Datasheet HTML 59Page - NXP Semiconductors BF511 Datasheet HTML 60Page - NXP Semiconductors BF511 Datasheet HTML 61Page - NXP Semiconductors BF511 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 130 page
background image
59
NXP Semiconductors RF Manual 16th edition
Satellite
HUB
VSATs
Satellite
HUB
VSATs
Type
Package
f
IN(REF)
V
CC
I
CC
PLLphasenoise
@N=64@100kHz
PLL
Outputbuffer
Input
f
o(RF)
P
o
RL
out(RF)
S
i
Typ
Max
Typ
Max
Min
(MHz)
(V)
(mA)
(dBc/Hz)
(GHz)
(dBm)
(dB)
(dBm)
TFF1003HN
SOT616
50 - 815
3.3
100
-92
12.8 - 13.05
-5
-10
-10
TFF1007HN
SOT616
228.78 - 234.38
3.3
130
-104
14.62 - 15
-3
-10
-10
Typical VSAT network
Complete LO generator for linear BUC with TFF1003HN
Type
Application
I
cc(mA)
Singlesupply
(V)
RFgain(dB)
NF(dB)
OIP3(dBm)
BFU710F
Ku-band LNA2 for single
output LNB
3.5
3/5/6
13.5
1.6
12
BFU730F
Ku-band LNA2 and LNA3
for multiple output LNB
11
3/5/6
11.5
1.25
17
Type
Application
I
cc(mA)
Singlesupply
(V)
LOdrive
SSBNF(dB) SSBconversion
gain(dB)
LO-RFisolation
(dB)
BFU710F
Ku-band active mixer for
single output LNB
2.5
3/5/6
< 0 dBm
< 8 dB
> 5 dB
min 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com