Electronic Components Datasheet Search
  English  ▼

X  

BF511 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # BF511
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF511 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button BF511 Datasheet HTML 10Page - NXP Semiconductors BF511 Datasheet HTML 11Page - NXP Semiconductors BF511 Datasheet HTML 12Page - NXP Semiconductors BF511 Datasheet HTML 13Page - NXP Semiconductors BF511 Datasheet HTML 14Page - NXP Semiconductors BF511 Datasheet HTML 15Page - NXP Semiconductors BF511 Datasheet HTML 16Page - NXP Semiconductors BF511 Datasheet HTML 17Page - NXP Semiconductors BF511 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 130 page
background image
15
NXP Semiconductors RF Manual 16th edition
1.2.1 CATV optical (optical node with multiple out-ports)
Application diagram
bra852
coax out
port 1
RF pre-
amplifier
splitter
duplex
filter
RF power
amplifier
RF forward
receiver
fiber in
coax out
port 2
coax out
port 3
coax out
port 4
Recommended products
Function
Product
Frequency
Package
Type
RF forward
receiver
Forward
path receiver
870 MHz
SOT115
BGO807C
SOT115
BGO807CE
Function
Product
Frequency
Gain (dB)
Type
RF
pre-amplifier
Power doubler
870 MHz
18.2 - 18.8
BGD812
Push-pulls
870 MHz
18 - 19
BGY885A
21 - 22
BGY887
1 GHz
23 - 24.5
CGY1043
27 - 28.5
CGY1047
Function
Product
Frequency
Gain (dB)
Type
RF power
amplifier
Power
doublers
870 MHz
22 - 24
CGD942C
24 - 26
CGD944C
1 GHz
22 - 23.5
CGD1042Hi
26.5 - 28
CGD1046Hi
Product highlight:
BGO807CE optical receiver
The BGO807CE is an integrated optical receiver module that
provides high output levels and includes an integrated temperature-
compensated circuitry. In your optical node design, BGO807CE
enables a high performance/ price ratio and ruggedness. When
upgrading an HFC network from analog to digital, our BGO807CE
is the perfect fit.
Features
` Excellent linearity
` Low noise
` Excellent flatness
` Standard CATV outline
` Rugged construction
` Gold metallization ensures excellent reliability
` High optical input power range
1.2 Broadband communication infrastructure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com