Electronic Components Datasheet Search
  English  ▼

X  

BF511 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # BF511
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF511 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button BF511 Datasheet HTML 70Page - NXP Semiconductors BF511 Datasheet HTML 71Page - NXP Semiconductors BF511 Datasheet HTML 72Page - NXP Semiconductors BF511 Datasheet HTML 73Page - NXP Semiconductors BF511 Datasheet HTML 74Page - NXP Semiconductors BF511 Datasheet HTML 75Page - NXP Semiconductors BF511 Datasheet HTML 76Page - NXP Semiconductors BF511 Datasheet HTML 77Page - NXP Semiconductors BF511 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 130 page
background image
75
NXP Semiconductors RF Manual 16th edition
3. Products by function
NXP RF product catalog:
http://www.nxp.com/rf
3.1
New products
DEV = in development
CQS = customer qualification samples
RFS = release for supply
Type
Application / description
Expected
status
June 2012
Planned
release
Section
NEW: Wideband transistors
BFU730LX
Gen7 wideband transistor
RFS
Released
3.3.1
NEW: SiGe:C LNAs (for e.g. GPS)
BGU8007
GPS LNA, 19.0 dB gain, AEC-Q100
RFS
Released
3.4.1
BGU7003W
General-purpose unmatched LNA for FM radio
RFS
Released
3.4.1
BGU6101
Unmatched wideband MMIC w/ bias enable function & wide range of supply voltage
RFS
Released
3.4.1
BGU6102
Unmatched wideband MMIC w/ bias enable function & wide range of supply voltage
RFS
Released
3.4.1
BGU6104
Unmatched wideband MMIC w/ bias enable function & wide range of supply voltage
RFS
Released
3.4.1
NEW: LNAs for set-top boxes
BGU7044
LNA for STB tuning
RFS
Released
3.4.1
BGU7045
LNA for STB tuning
RFS
Released
3.4.1
NEW: General-purpose wideband amplifiers (50 Ω gain blocks)
BGA2874
IF gain block 30.5 dB, 2.5 V
RFS
Released
3.4.1
BGA2817
IF gain block 24 dB, 3 V
RFS
Released
3.4.1
BGA2818
IF gain block 31 dB, 3 V
RFS
Released
3.4.1
BGA2851
IF gain block 25 dB, 5 V
RFS
Released
3.4.1
BGA2867
IF gain block 27 dB, 5 V
RFS
Released
3.4.1
BGA2869
IF gain block 32.5 dB, 5 V
RFS
Released
3.4.1
NEW: Medium power amplifier MMICs
BGA7014
Medium power amplifier, 12.0 dB ,13.0 dBm P1dB, SOT89
Dev
Q4 2012
3.4.1
BGA7017
Medium power amplifier, 13.5 dB, 16.5 dBm P1dB, SOT89
Dev
Q4 2012
3.4.1
BGA7020
Medium power amplifier, 13.0 dB, 18.5 dBm P1dB, SOT89
Dev
Q4 2012
3.4.1
BGA7130
Medium power amplifier, 18.0 dB, 30 dBm P1dB, SOT908
RFS
Released
3.4.1
NEW: VGAs for wireless infrastructures
BGA7351
50 MHz to 250 MHz high linearity variable gain amplifier - 28 dB gain range
RFS
Released
3.4.1
BGA7210
400 MHz to 2750 MHz high linearity variable gain amplifier
RFS
Released
3.4.1
BGA7204
700 MHz to 3800 MHz high linearity variable gain amplifier
RFS
Released
3.4.1
NEW: LNAs for wireless infrastructures
BGU7051
LNA 900 MHz - from 0.5 to 1.5 GHz
RFS
Released
3.4.1
BGU7052
LNA 1.9 GHz - from 1.5 to 2.5 GHz
RFS
Released
3.4.1
BGU7053
LNA 2.5 GHz - from 2.3 to 2.8 GHz
RFS
Released
3.4.1
BGU7060
LNA with variable gain from 700 to 800 MHz
RFS
Released
3.4.1
BGU7061
LNA with variable gain from 700 to 950 MHz
RFS
Released
3.4.1
BGU7062
LNA with variable gain from 1710 to 1785 MHz
RFS
Released
3.4.1
BGU7063
LNA with variable gain from 1920 to 1980 MHz
RFS
Released
3.4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com