Electronic Components Datasheet Search
  English  ▼

X  

BF511 Datasheet(PDF) 94 Page - NXP Semiconductors

Part # BF511
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF511 Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button BF511 Datasheet HTML 90Page - NXP Semiconductors BF511 Datasheet HTML 91Page - NXP Semiconductors BF511 Datasheet HTML 92Page - NXP Semiconductors BF511 Datasheet HTML 93Page - NXP Semiconductors BF511 Datasheet HTML 94Page - NXP Semiconductors BF511 Datasheet HTML 95Page - NXP Semiconductors BF511 Datasheet HTML 96Page - NXP Semiconductors BF511 Datasheet HTML 97Page - NXP Semiconductors BF511 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 130 page
background image
95
NXP Semiconductors RF Manual 16th edition
3.7.1 RF power transistors for base stations
Device naming conventions RF power transistors for base stations
Why choose NXP‘s RF power transistors for base stations:
` Leading technology (generations 6, 7, and 8 of LDMOS)
` Highest efficiency
` Best ruggedness
` Advanced Doherty amplifier designs
` Very broad band (video bandwidth enhanced) devices
` Industry’s first 3.8 GHz Doherty
` Industry's first three-way, 900 MHz Doherty
` Industry's first 50 V, 600 W, single-package Doherty
NXP offers complete line-ups of RF power transistors operating from 800 MHz right up to 3.8 GHz for base stations,
covering all cellular technologies [MC-GSM/EDGE, TDMA, (TD-S)CDMA, W-CDMA/UMTS, LTE] and WiMAX infrastructures.
B L F 6 G 22 L S -45 P R B N G V
video bandwidth enhanced
gullwing-shaped leads
specialty
option: current sense lead
enhanced ruggedness
push-pull device
P1dB power
option: earless package
option: low thermal resistivity
operating frequency (in 100MHz; maximum)
G: standard LDMOS
LDMOS technology generation
F: LDMOS transistor in ceramic package
C: LDMOS transistor in air cavity plastic (ACP) package
D: fully integrated Doherty amplifier
M: MMIC module
L: high frequency power transistor
B: semiconductor die made of Si
3.7
RF power transistors
NEW: RF power transistor selection guide on www.nxp.com/rfpower
Easy-to-use parametric filters help you choose the right RF
power transistor for your design.
3.7.1.1
0.7 - 1.0 GHz line-up
Test signal performance
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
Matching
VDS
(V)
P
L
(W)
BO
(dB)
η
D
(%)
G
p
(dB)
Test signal
Package
BLP7G22-10*
Driver
700
2200
10
-
28
2
7.0
26
17
2-c WCDMA
SOT1179
BLM6G10-30(G)
MMIC
920
960
30
I/O
28
2
11.8
11.5
29
2-c WCDMA
SOT822
BLF6G10L-40BRN
Driver/final
700
1000
40
I
28
2.5
12.0
15
23
2-c WCDMA
SOT1112A
BLF6G10(S)-45
700
1000
45
I
28
1
16.5
8
23
2-c WCDMA
SOT608
BLP7G07S-140P(G)*
Final
700
900
140
O
28
35
6.0
28
19
2-c WCDMA
SOT1224
BLF8G10L(S)-300P*
850
960
300
I/O
28
60
7.0
30
19
2-c WCDMA
SOT539
BLF8G10L(S)-160
920
960
160
I/O
30
35
6.6
29
19.7
2-c WCDMA
SOT502
BLF7G10L(S)-250
920
960
250
I/O
30
60
6.2
30.5
19.5
2-c WCDMA
SOT502
BLF6G10(LS)-200RN
688
1000
200
I
28
40
7.0
28.5
20
2-c WCDMA
SOT502
BLF6G10(LS)-135RN
700
1000
135
I
28
26.5
7.1
28
21
2-c WCDMA
SOT502
BLF6H10L(S)-160
700
1000
160
-
50
45
5.5
30
20
2-c WCDMA
SOT467
BLF6G10(LS)-160RN
700
1000
160
I
32
32
7.0
27
22.5
2-c WCDMA
SOT502
BLF8G10L(S)-160V*
700
1000
160
I/O
30
35
6.6
28
30
2-c WCDMA
SOT1244
BLF8G10LS-200GV*
700
1000
200
I/O
28
45
6.5
28
19.3
2-c WCDMA
SOT1244C
BLF6G10L(S)-260PRN
700
1000
260
I
28
40
8.1
26.5
22
2-c WCDMA
SOT539
BLF8G10LS-270GV*
700
1000
270
I/O
28
56
6.8
28
19.6
2-c WCDMA
SOT1244C
BLF8G10LS-400PGV*
700
1000
400
I/O
28
79
7.0
27
19.4
2-c WCDMA
SOT1242C
BLP7G09S-140P(G)*
900
1000
140
O
28
35
6.0
28
19
2-c WCDMA
SOT1224
Bold red = new, highly recommended product
* Check status in section 3.1, as this type is not yet released for mass production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com