Electronic Components Datasheet Search
  English  ▼

X  

BF511 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # BF511
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF511 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button BF511 Datasheet HTML 24Page - NXP Semiconductors BF511 Datasheet HTML 25Page - NXP Semiconductors BF511 Datasheet HTML 26Page - NXP Semiconductors BF511 Datasheet HTML 27Page - NXP Semiconductors BF511 Datasheet HTML 28Page - NXP Semiconductors BF511 Datasheet HTML 29Page - NXP Semiconductors BF511 Datasheet HTML 30Page - NXP Semiconductors BF511 Datasheet HTML 31Page - NXP Semiconductors BF511 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 130 page
background image
29
NXP Semiconductors RF Manual 16th edition
1.4.5 802.11n DBDC and 802.11ac WLAN
Application diagram
bra502
antenna
low pass
lter
bandpass
lter
medium
power
amplier
Tx
Rx
APPLICATION
CHIPSET
PActrl
SPDT
SPDT
switch
LNA
Recommended products
Function
Product
Package
Type
Medium
power
amplifier
MMIC
Medium power
amplifier
SOT89
BGA7024
BGA7027
SOT908
BGA7124
BGA7127
Function
Product
Package
Type
LNA
RF transistor
SiGe:C
transistor
SOT343F
BFU730F
BFU760F
MMIC
SiGe:C MMIC
SOT883C
BFU730LX
Product highlight:
BFU760F NPN silicon germanium microwave transistor
The BGU760F is part of the family of 6th (Si) and 7th (SiGe:C)
generation RF transistors and can be used to perform nearly any RF
function. These next-generation wideband transistors offer the best
RF noise figure versus gain performance, drawing the lowest current.
This performance allows for better signal reception at low power and
enables RF receivers to operate more robustly in noisy environments.
Features
` System optimized gain of 12.5 dB @ 2.4 GHz and 11 dB @ 5.5 GHz
` Low noise figure (NF) of 1.1 dB @ 2.4 GHz and 5.5 GHz
` High input 1 dB gain compression (P
i(1dB) ) of  -8 dBm @ 2.4 GHz and
-5 dBm @ 5.5 GHz
` High input third order intercept point IP3
I of  +3 dBm @ 2.4 GHz and
+8 dBm @ 5.5 GHz
` Only 8 external components required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com