Electronic Components Datasheet Search
  English  ▼

X  

BF511 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # BF511
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF511 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button BF511 Datasheet HTML 73Page - NXP Semiconductors BF511 Datasheet HTML 74Page - NXP Semiconductors BF511 Datasheet HTML 75Page - NXP Semiconductors BF511 Datasheet HTML 76Page - NXP Semiconductors BF511 Datasheet HTML 77Page - NXP Semiconductors BF511 Datasheet HTML 78Page - NXP Semiconductors BF511 Datasheet HTML 79Page - NXP Semiconductors BF511 Datasheet HTML 80Page - NXP Semiconductors BF511 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
78
NXP Semiconductors RF Manual 16th edition
3.2
RF diodes
3.2.1 Varicap diodes
Why choose NXP’s varicap diodes:
` Reference designs for TV and radio tuning
` Direct matching process
` Small tolerances
` Short lead time
` Complete portfolio covering broad range of frequencies and packages (including leadless)
` Reliable volume supply
VCO and FM radio tuning varicap diodes
Type
Package
Number
of
diodes
Config-
uration
@ f = 1 MHz
r
s
typ
r
s
max
@ f =
C
d
min
C
d
typ
C
d
max
@ V
R
=
C
d
min
C
d
typ
C
d
max
@ V
R
=
C
d1/
C
d2
min
C
d1/
C
d2
max
@ V1
=
@ V2
=
(pF)
(pF)
(pF)
(V)
(pF)
(pF)
(pF)
(V)
(V)
(V)
(Ω)
(Ω)
(MHz)
BB145B
SOD523
1
SG
6.4
-
7.2
1
2.55
-
2.95
4
2.2
-
1
4
-
0.6
470
BB156
SOD323
1
SG
14.4
16
17.6
1
4.2
4.8
5.4
7.5
2.7
3.9
1
7.5
0.4
0.7
470
BB198
SOD523
1
SG
25
-
28.5
1
4.8
-
6.8
4
-
-
-
-
-
0.8
100
BB199
SOD523
1
SG
36.5
-
42.5
0.5
11.8
-
13.8
2
2.8
-
0.5
2
0.25
-
100
BB201
SOT23
2
CC
89
95
102
1
25.5
27.6
29.7
7.5
3.1
3.8
1
7.5
0.25
0.5
100
BB202^^
SOD523
1
SG
28.2
-
33.5
0.2
7.2
-
11.2
2.3
2.5
-
0.2
2.3
0.35
0.6
100
BB207^
SOT23
2
CC
76
81
86
1
25.5
27.6
29.7
7.5
2.6
3.3
1
7.5
0.2
0.4
100
BB208-02^
SOD523
1
SG
19.9
-
23.2
1
4.5
-
5.4
7.5
3.7
5.2
1
7.5
0.35
0.5
100
BB208-03^
SOD323
1
SG
19.9
-
23.2
1
4.5
-
5.4
7.5
3.7
5.2
1
7.5
0.35
0.5
100
^ Includes special design for FM car radio (CREST-IC:TEF6860)
Type of connection:
CC:
common cathode
^^ Includes special design for mobile phone tuner ICs
SG:
single
TV / VCR / DVD / HDD varicap diodes - UHF tuning
Type
Package
@ f = 1 MHz
r
s
typ
r
s
max
@ f =
@
C
d =
∆C
d/
C
d
@ V
1
=
@ V
2
=
@
N
s
=
C
d
min
C
d
typ
C
d
max
@ V
R
=
C
d1/Cd2
min
C
d1/Cd2
typ
C
d1/Cd2
max
@ V
1
=
@ V
2
=
(pF)
(pF)
(pF)
(V)
(V)
(V)
(Ω)
(Ω)
(MHz)
(pF)
(V)
(V)
Matched
BB149
SOD323
1.9
2.1
2.25
28
8.2
9
10
1
28
-
0.75
470
9
2
0.5
28
10
BB149A
SOD323
1.951
2.1
2.225
28
8.45
9
10.9
1
28
0.6
0.75
470
9
2
1
28
10
BB179
SOD523
1.951
2.1
2.225
28
8.45
9
10.9
1
28
0.6
0.75
470
9
2
1
28
10
BB179B
SOD523
1.9
2.1
2.25
28
8.45
9
10
1
28
0.6
0.75
470
9
2
1
28
10
BB179BLX
SOD882D
1.9
-
2.25
28
-
9
-
1
28
0.65
-
470
9
2
1
28
10
BB179LX
SOD882D
1.95
2.1
2.22
28
8.45
9
10.9
1
28
0.65
-
470
30
2
1
28
5
BB184
SOD523
1.87
2
2.13
10
6
7
-
1
10
0.65
-
470
9
2
1
10
5
BB189
SOD523
1.89
2.04
2.18
25
6.3
7.3
-
2
25
0.65
0.7
470
9
1.8
2
25
10
Unmatched
BB135
SOD323
1.7
-
2.1
28
8.9
-
12
0.5
28
-
0.75
470
9
-
-
-
-
Bold = highly recommended product
Varicap selection guide on www.nxp.com/varicaps
Easy-to-use parametric filters help you choose
the right varicap for your design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com