Electronic Components Datasheet Search
  English  ▼

X  

BF511 Datasheet(PDF) 114 Page - NXP Semiconductors

Part # BF511
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF511 Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button BF511 Datasheet HTML 110Page - NXP Semiconductors BF511 Datasheet HTML 111Page - NXP Semiconductors BF511 Datasheet HTML 112Page - NXP Semiconductors BF511 Datasheet HTML 113Page - NXP Semiconductors BF511 Datasheet HTML 114Page - NXP Semiconductors BF511 Datasheet HTML 115Page - NXP Semiconductors BF511 Datasheet HTML 116Page - NXP Semiconductors BF511 Datasheet HTML 117Page - NXP Semiconductors BF511 Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 130 page
background image
115
NXP Semiconductors RF Manual 16th edition
Manufacturertype
Manufacturer
NXPtype
Product
family
NESG2101M05
Renesas Electronics
BFU760F
WB trs 5-7
NESG2101M05
Renesas Electronics
BFU790F
WB trs 5-7
NESG3031M05
Renesas Electronics
BFU730F
WB trs 5-7
NESG3032M14
Renesas Electronics
BFU725F
WB trs 5-7
NJG1140KA1
JRC
BGU7044
MMIC
PRF947B
Motorola
PRF947
WB trs 1-4
PRF947B
Infineon
PRF947
WB trs 1-4
PTF 080101S - 10 W
Infineon
BLF8G10L-300P
Base station
PTF 081301E
Infineon
BLF8G10LS-300P
Base station
PTF 081301F
Infineon
BLF7G10L-250
Base station
PTF 140451E
Infineon
BLF1046
Broadcast
PTF 140451F
Infineon
BLF145
Broadcast
PTF 141501E - 150 W
Infineon
BLF147
Broadcast
PTFA 041501E
Infineon
BLF6G10LS-200RN
Base station
PTFA 041501F
Infineon
BLF6G10-135RN
Base station
PTFA 043002E - 300 W
Infineon
BLF6G21-10G
Base station
PTFA 043002E - 300 W
Infineon
BLF1043
Broadcast
PTFA 070601E - 60 W
Infineon
BLF6G10L-260PRN
Base station
PTFA 070601F - 60 W
Infineon
BLF6G10L-40BRN
Base station
PTFA 071701E - 170 W
Infineon
BLF6G10LS-135RN
Base station
PTFA 071701F - 170 W
Infineon
BLF6G10LS-160RN
Base station
PTFA 072401EL - 240 W
Infineon
BLF6G10LS-260PRN
Base station
PTFA 072401FL - 240 W
Infineon
BLF6G10S-45
Base station
PTFA 072401FL - 240 W
Infineon
BLF6H10L-160
Base station
PTFA 080551E - 55 W
Infineon
BLF6H10LS-160
Base station
PTFA 080551F - 55 W
Infineon
BLF8G10L-160
Base station
PTFA 081501E - 150 W
Infineon
BLF8G10L-160V
Base station
PTFA 081501F - 150 W
Infineon
BLF8G10LS-160V
Base station
PTFA 082201E - 220 W
Infineon
BLF8G10LS-200GV
Base station
PTFA 082201F - 220 W
Infineon
BLF8G10LS-270GV
Base station
PTFA 091201E - 120 W
Infineon
BLM6G10-30
Base station
PTFA 091201F - 120 W
Infineon
BLM6G10-30G
Base station
PTFA 142401EL - 240 W
Infineon
BLF175
Broadcast
PTFA 142401FL - 240 W
Infineon
BLF177
Broadcast
PTFA 210601E - 60 W
Infineon
BLF6G20-40
Base station
PTFA 210601F - 60 W
Infineon
BLF6G20-45
Base station
PTFA 210701E - 70 W
Infineon
BLF6G20-75
Base station
PTFA 210701F - 70 W
Infineon
BLF6G20LS-110
Base station
PTFA 211801E - 180 W
Infineon
BLF6G20LS-140
Base station
PTFA 211801F - 180 W
Infineon
BLF6G20LS-180RN
Base station
PTFA 212001E - 200 W
Infineon
BLF6G20LS-75
Base station
PTFA 212001F - 200 W
Infineon
BLF6G20S-230PRN
Base station
PTFA 240451E - 45 W
Infineon
BLF6G27-75
Base station
PTFA 241301E - 130 W
Infineon
BLF6G27L-40P
Base station
PTFA 241301F - 130 W
Infineon
BLF6G27L-50BN
Base station
PTFA 260451E - 45 W
Infineon
BLF6G27LS-100
Base station
PTFA 261301E - 130 W
Infineon
BLF6G27LS-135
Base station
PTFA 261301F - 130 W
Infineon
BLF6G27LS-40P
Base station
PTFB 082817 FH - 250 W
Infineon
BLF6G10L-260PBM
Base station
PTFB 082817 FH - 250 W
Infineon
BLF8G10LS-400PGV
Base station
PTFB 091507FH - 150 W
Infineon
BLF7G10LS-250
Base station
PTFB 093608FV - 360 W
Infineon
BLF8G10LS-160
Base station
PTFB 210801FA - 80 W
Infineon
BLF6G20S-45
Base station
PTFB 211501E - 150 W
Infineon
BLF7G20LS-140P
Base station
PTFB 211501F - 150 W
Infineon
BLF7G20LS-260A
Base station
PTFB 211503EL - 150 W
Infineon
BLF7G21L-160P
Base station
PTFB 211503FL - 150 W
Infineon
BLF7G21LS-160
Base station
PTFB 211803EL - 180 W
Infineon
BLF7G21LS-160P
Base station
PTFB 211803FL - 180 W
Infineon
BLF8G20L-200V
Base station
PTFB 212503EL - 240 W
Infineon
BLF8G20LS-200V
Base station
PTFB 212503FL - 240 W
Infineon
BLF8G20LS-270GV
Base station
PTFB 213004F - 300 W
Infineon
BLF8G20LS-270PGV
Base station
PTFB 241402F - 2x70W
Infineon
BLF7G24L-140
Base station
PTFB 241402F - 2x70W
Infineon
BLF6G27-45
Base station
PTMA 080152M - 20 W
Infineon
BLF6G10-160RN
Base station
PTMA 080302M - 30 W
Infineon
BLF6G10-200RN
Base station
PTMA 080304M - 2 X 15 W
Infineon
BLF6G10-45
Base station
PTMA 180402M - 40 W
Infineon
BLF6G20-110
Base station
PTMA 210152M - 20 W
Infineon
BLF6G20-180PN
Base station
PTMA 210452EL - 45 W
Infineon
BLF6G20-180RN
Base station
PTMA 210452FL - 45 W
Infineon
BLF6G20-230PRN
Base station
R0605250L
RFMD
BGS67A
CATV RA
R0605250L
Standard
BGY66B
CATV RA
R0605300L
Standard
BGY68
CATV RA
R0605300L
RFMD
BGY68
CATV RA
R1005250L
RFMD
BGY66B
CATV RA
R2005200P12
RFMD
BGY67
CATV RA
Manufacturertype
Manufacturer
NXPtype
Product
family
R2005240
Standard
BGY67A
CATV RA
R2005240
RFMD
BGY67A
CATV RA
R2005240P12
RFMD
BGY67A
CATV RA
R2005350L
RFMD
BGR269
CATV RA
RF3826
RFMD
BLF7G24L-100
Base station
RF3863
RFMD
BGU7051
MMIC
RF3863
RFMD
BGU7052
MMIC
RF3863
RFMD
BGU7053
MMIC
RF3928
RFMD
BLS7G2933S-150
A&D
RF3928B
RFMD
BLS6G2933S-130
A&D
RF3931
RFMD
BLF6G38-10
Base station
RF3931
RFMD
BLS6G3135-120
A&D
RF3932
RFMD
BLF6G38-100
Base station
RF3933
RFMD
BLF6G38-10G
Base station
RF3934
RFMD
BLF6G38-25
Base station
RFFC2072
RFMD
BGX721x
MMIC
RFG1M09090
RFMD
BLF6G10-200RN
Base station
RFG1M09180
RFMD
BLF6G10-45
Base station
RFG1M20090
RFMD
BLF6G20-110
Base station
RFG1M20180
RFMD
BLF6G20-180PN
Base station
RFHA1000
RFMD
BLF6G10-135RN
Base station
RFHA1003
RFMD
BLF6G10LS-200RN
Base station
RFHA1006
RFMD
BLF6G10-160RN
Base station
RFHA3942
RFMD
BLS7G3135LS-350P
A&D
RN142G
Rohm
BAP1321-03
PIN diode
RN142S
Rohm
BAP1321-02
PIN diode
RN242CS
Rohm
BAP51LX
PIN diode
RN731V
Rohm
BAP50-03
PIN diode
RN739D
Rohm
BAP50-04
PIN diode
RN739F
Rohm
BAP50-04W
PIN diode
S10040200P
RFMD
CGY1041
CATV PP
S10040220GT
RFMD
CGY1041
CATV PP
S10040220P
RFMD
CGY1041
CATV PP
S10040230GT
RFMD
CGY1043
CATV PP
S10040240P
RFMD
CGY1043
CATV PP
S10040280GT
RFMD
CGY1047
CATV PP
S10040340
RFMD
CGY1034
CATV PP
S595T
Vishay
BF1105
FET
S595TR
Vishay
BF1105R
FET
S595TRW
Vishay
BF1105WR
FET
S7540185
Standard
BGY785A
CATV PPA
S7540215
Standard
BGY787
CATV PPA
S8740180GT
RFMD
BGY885A
CATV PP
S8740190
Standard
BGD812
CATV PD
S8740190
RFMD
BGY885A
CATV PP
S8740200P
RFMD
BGY887
CATV PP
S8740220
Standard
BGD814
CATV PD
S8740220GT
RFMD
BGY887
CATV PP
S8740220P
RFMD
BGY887
CATV PP
S8740230
Standard
BGD816L
CATV PD
S8740240GT
RFMD
BGY887
CATV PP
S8740240P
RFMD
BGY887
CATV PP
S8740240P12
RFMD
BGY887
CATV PP
S8740260GT
RFMD
CGY887A
CATV PP
S8740280GT
RFMD
CGY887B
CATV PP
S8740340
RFMD
CGY888C
CATV PP
S8740340PT
RFMD
CGY888C
CATV PP
SD1013
Microsemi
BLF178P
Broadcast
SD1013-03
Microsemi
BLF174XRS
Broadcast
SD1014-06
Microsemi
BLF174XR
Broadcast
SD1526-01
Microsemi
BLA0912-250R
A&D
SDV701Q
AUK
BB179
Varicap
SDV704Q
AUK
BB178
Varicap
SDV705Q
AUK
BB182
Varicap
SGA8343Z
Sirenza
BFG425W
WB trs 5-7
SKY65048
Skyworks
BGU7051
MMIC
SKY65066
Skyworks
BGU7053
MMIC
SKY65084
Skyworks
BGU7052
MMIC
SMA3101
Sanyo
BGA2851
MMIC
SMA3101
Sanyo
BGA2851
MMIC
SMA3103
Sanyo
BGA2867
MMIC
SMA3103
Sanyo
BGA2867
MMIC
SMA3107
Sanyo
BGA2803
MMIC
SMA3107
Sanyo
BGA2803
MMIC
SMA3109
Sanyo
BGA2817
MMIC
SMA3109
Sanyo
BGA2817
MMIC
SMA3111
Sanyo
BGA2851
MMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com