Electronic Components Datasheet Search
  English  ▼

X  

ALS36 Datasheet(PDF) 7 Page - Kemet Corporation

Part # ALS36
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS36 Datasheet(HTML) 7 Page - Kemet Corporation

  ALS36 Datasheet HTML 1Page - Kemet Corporation ALS36 Datasheet HTML 2Page - Kemet Corporation ALS36 Datasheet HTML 3Page - Kemet Corporation ALS36 Datasheet HTML 4Page - Kemet Corporation ALS36 Datasheet HTML 5Page - Kemet Corporation ALS36 Datasheet HTML 6Page - Kemet Corporation ALS36 Datasheet HTML 7Page - Kemet Corporation ALS36 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
BHC and Evox Rifa Electrolytic Capacitors
ALS36 85°C
ARTICLE TABLE ALS36 (85°C)
Cap
(μF)
Nominal Case Size
mm (inches)
ESR max. (m
Ω)
at 25°C
Ripple current(A) at
85°C
Part number
Dia
Len
120Hz
20kHz
120Hz
20kHz
400 VDC (U
R )
450 VDC (U
R )
500 VDC (U
R )
1000
34.9 (1.375)
130.2 (5.125)
120
78
5.8
10.5
ALS36H102D5C400
1000
50.8 (2)
79.4 (3.125)
124
81
6.0
10.4
ALS36H102K3C400
1500
50.8 (2)
104.8 (4.125)
84
56
7.9
13.2
ALS36H152K4C400
1500
63.5 (2.5)
79.4 (3.125)
83
55
8.5
14.5
ALS36H152L3C400
2200
50.8 (2)
130.2 (5.125)
60
40
10.0
15.9
ALS36H222K5C400
2200
63.5 (2.5)
92.1 (3.625)
59
39
10.8
17.5
ALS36H222L3L400
3300
63.5 (2.5)
117.5 (4.625)
41
28
13.4
20.4
ALS36H332L4L400
3300
76.2 (3)
92.1 (3.625)
43
30
13.3
19.1
ALS36H332N3L400
4700
76.2 (3)
130.2 (5.125)
32
23
17.3
23.6
ALS36H472N5C400
6800
76.2 (3)
142.9 (5.625)
22
16
20.1
26.2
ALS36H682N5L400
220
34.9 (1.375)
54.0 (2.125)
398
243
2.5
5.1
ALS36H221D2C450
330
34.9 (1.375)
79.4 (3.125)
266
163
3.5
7.1
ALS36H331D3C450
330
50.8 (2)
54.0 (2.125)
279
175
3.5
6.4
ALS36H331K2C450
470
34.9 (1.375)
92.1 (3.625)
189
116
4.4
8.6
ALS36H471D3L450
470
50.8 (2)
66.7 (2.625)
195
122
4.4
8.0
ALS36H471K2L450
680
34.9 (1.375)
130.2 (5.125)
132
82
5.4
10.3
ALS36H681D5C450
680
50.8 (2)
79.4 (3.125)
136
85
5.6
10.2
ALS36H681K3C450
1000
50.8 (2)
104.8 (4.125)
94
59
7.4
13.0
ALS36H102K4C450
1000
63.5 (2.5)
79.4 (3.125)
93
58
8.0
14.3
ALS36H102L3C450
1500
50.8 (2)
130.2 (5.125)
65
42
9.5
15.8
ALS36H152K5C450
1500
63.5 (2.5)
92.1 (3.625)
64
41
10.2
17.4
ALS36H152L3L450
2200
76.2 (3)
92.1 (3.625)
47
31
12.7
19.2
ALS36H222N3L450
3300
76.2 (3)
104.8 (4.125)
34
24
14.8
20.8
ALS36H332N4C450
4700
76.2 (3)
142.9 (5.625)
27
20
18.8
24.8
ALS36H472N5L450
6800
76.2 (3)
168.3 (6.625)
23
17
22.5
29.1
ALS36H682N6L450
150
34.9 (1.375)
54.0 (2.125)
732
547
2.2
3.7
ALS36H151D2C500
220
34.9 (1.375)
66.7 (2.625)
501
375
2.8
4.8
ALS36H221D2L500
330
34.9 (1.375)
92.1 (3.625)
335
251
3.8
6.4
ALS36H331D3L500
330
50.8 (2)
54.0 (2.125)
273
188
3.7
6.1
ALS36H331K2C500
470
34.9 (1.375)
117.5 (4.625)
237
178
4.7
7.8
ALS36H471D4L500
470
50.8 (2)
66.7 (2.625)
191
131
4.6
7.7
ALS36H471K2L500
680
50.8 (2)
104.8 (4.125)
174
133
6.3
10.0
ALS36H681K4C500
680
63.5 (2.5)
79.4 (3.125)
173
132
6.8
10.9
ALS36H681L3C500
1000
50.8 (2)
130.2 (5.125)
90
62
8.6
14.4
ALS36H102K5C500
1000
63.5 (2.5)
92.1 (3.625)
119
91
8.7
13.6
ALS36H102L3L500
1500
63.5 (2.5)
104.8 (4.125)
82
63
10.7
15.9
ALS36H152L4C500
1500
76.2 (3)
92.1 (3.625)
83
65
11.1
16.2
ALS36H152N3L500
2200
76.2 (3)
117.5 (4.625)
59
46
13.7
19.1
ALS36H222N4L500
3300
76.2 (3)
168.3 (6.625)
41
32
19.8
26.7
ALS36H332N6L500
4700
76.2 (3)
219.1 (8.625)
24
18
26.4
34.7
ALS36H472N8L500
Mounting Style 6=plain or 7=stud
Termination Style A,C,E,G,H,J,M or R
* *



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com