Electronic Components Datasheet Search
  English  ▼

X  

ALS36 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ALS36
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS36 Datasheet(HTML) 1 Page - Kemet Corporation

  ALS36 Datasheet HTML 1Page - Kemet Corporation ALS36 Datasheet HTML 2Page - Kemet Corporation ALS36 Datasheet HTML 3Page - Kemet Corporation ALS36 Datasheet HTML 4Page - Kemet Corporation ALS36 Datasheet HTML 5Page - Kemet Corporation ALS36 Datasheet HTML 6Page - Kemet Corporation ALS36 Datasheet HTML 7Page - Kemet Corporation ALS36 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
RoHS
Compliant
ALS36 Series 85°C
•
Imperial case sizes and terminals for the North American Market
•
Long Life, 20000 hours at 85°C (Ur, Ir applied)
•
High ripple current
•
Excellent surge voltage capability
•
Optimized designs available on request
APPLICATION
BASIC DESIGN
SPECIFICATION
Standards
IEC 60384-4 Long Life Grade 40/85/56,
Capacitance range
150 – 470000 μF
Capacitance tolerance
–10 to +30%
Rated voltage U
R
25–500 VDC
Surge voltage U
S
U
R
25
40
50
63
75 100 160 200 250 350 400 450 500
U
S
30
50
65
67
95 125 200 250 300 400 450 500 550
Surge voltage U
SS
(Short duration)
Leakage current
I
L= 0.006 x CR x UR (μA) or 6mA whichever
is the smaller. Note, C
R is in μF.
Operational life time
+85°C, U
R , IR
+85°C, U
R
Shelf Life
2000 hrs at 0V +85°C, or 30000 hrs at 0V +40°C
Temperature range
–40 to +85°C (Operating) -55°C to +85°C (Storage)
Can Diameter (inches)
1.375
11000 hrs
2
18000 hrs
2.5
19000 hrs
3
20000 hrs
End of Life requirement:
ΔC/C
< ±10%
ESR
< 2 x initial ESR value
I
L
< initial specified limit
Can Diameter (inches)
1.375
22000 hrs
2
36000 hrs
2.5
38000 hrs
3
40000 hrs
U
R
U
SS
200
350
250
400
350
500
400
520
415
530
450
550
500
600
Test Condition:
< 500ms surge, 1000 cycles @ 20°C
Test Condition:
< 30s surge, 1000 cycles @ 25°C
Test Condition:
U
R, 5mins., 20°C
•
Industrial and commercial
applications.
•
Power supplies including switch
mode.
•
UPS systems.
•
Variable speed drives.
•
Frequency Inverters.
•
Welding equipment.
•
Energy storage in pulse discharge
applications.
The ALS36/37 series of screw terminal
capacitors meets the requirements of the
North American market. This range offers
high CV per unit volume coupled with high
ripple currents and long life performance.
The ALS36/37 range is manufactured in
China.


Similar Part No. - ALS36

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS3681DB200 KEMET-ALS3681DB200 Datasheet
529Kb / 14P
Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
ALS3682MF200 KEMET-ALS3682MF200 Datasheet
529Kb / 14P
Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
ALS3682QC200 KEMET-ALS3682QC200 Datasheet
529Kb / 14P
Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
ALS3682QD200 KEMET-ALS3682QD200 Datasheet
529Kb / 14P
Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
ALS3683NT100 KEMET-ALS3683NT100 Datasheet
529Kb / 14P
Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
More results

Similar Description - ALS36

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
IEC 60384-4 Long Life Grade 40/85/56,
ALC12 KEMET-ALC12 Datasheet
565Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
IEC 60384-4 Long Life Grade 40/105/56
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
IEC 60384-4 Long Life Grade 40/105/56
ALS30 KEMET-ALS30 Datasheet
496Kb / 7P
IEC 60384-4 Long Life Grade 40/85/56
ALS32 KEMET-ALS32 Datasheet
483Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
IEC 60384-4 Long Life Grade 40/85/56
ALS40 KEMET-ALS40 Datasheet
309Kb / 6P
IEC 60384-4 Long Life Grade 40/105/56
ALS42 KEMET-ALS42 Datasheet
215Kb / 4P
IEC 60384-4 Long Life Grade 40/105/56
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com