Electronic Components Datasheet Search
  English  ▼

X  

ALS36 Datasheet(PDF) 4 Page - Kemet Corporation

Part # ALS36
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS36 Datasheet(HTML) 4 Page - Kemet Corporation

  ALS36 Datasheet HTML 1Page - Kemet Corporation ALS36 Datasheet HTML 2Page - Kemet Corporation ALS36 Datasheet HTML 3Page - Kemet Corporation ALS36 Datasheet HTML 4Page - Kemet Corporation ALS36 Datasheet HTML 5Page - Kemet Corporation ALS36 Datasheet HTML 6Page - Kemet Corporation ALS36 Datasheet HTML 7Page - Kemet Corporation ALS36 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ALS36 85°C
ARTICLE TABLE ALS36 (85°C)
Cap
(μF)
Nominal Case Size
mm (inches)
ESR max. (m
Ω)
at 25°C
Ripple current(A) at
85°C
Part number
Dia
Len
120Hz
20kHz
120Hz
20kHz
25 VDC (U
R )
40 VDC (U
R )
50 VDC (U
R )
15000
34.9 (1.375)
54.0 (2.125)
38
32
9.2
11.4
ALS36H153D2C025
22000
34.9 (1.375)
66.7 (2.625)
27
23
11.4
13.7
ALS36H223D2L025
33000
34.9 (1.375)
79.4 (3.125)
20
17
13.5
15.8
ALS36H333D3C025
33000
50.8 (2)
54.0 (2.125)
27
24
10.6
11.5
ALS36H333K2C025
47000
34.9 (1.375)
104.8 (4.125)
15
13
15.7
17.7
ALS36H473D4C025
47000
50.8 (2)
66.7 (2.625)
19
17
13.2
14.4
ALS36H473K2L025
68000
34.9 (1.375)
142.9 (5.625)
12
11
16.7
18.3
ALS36H683D5L025
68000
50.8 (2)
79.4 (3.125)
14
12
16.3
17.6
ALS36H683K3C025
100000
50.8 (2)
104.8 (4.125)
11
10
19.6
20.9
ALS36H104K4C025
100000
63.5 (2.5)
79.4 (3.125)
10
9
22.5
24.1
ALS36H104L3C025
150000
50.8 (2)
142.9 (5.625)
9
8
22.4
23.4
ALS36H154K5L025
150000
63.5 (2.5)
92.1 (3.625)
8
7
25.4
26.7
ALS36H154L3L025
220000
63.5 (2.5)
142.9 (5.625)
6
6
31.4
32.8
ALS36H224L5L025
220000
76.2 (3)
92.1 (3.625)
8
8
25.6
26.3
ALS36H224N3L025
330000
76.2 (3)
142.9 (5.625)
7
6
33.2
34.0
ALS36H334N5L025
470000
76.2 (3)
219.1 (8.625)
6
5
45.6
46.5
ALS36H474N8L025
10000
34.9 (1.375)
54.0 (2.125)
31
25
9.2
11.7
ALS36H103D2C040
15000
34.9 (1.375)
79.4 (3.125)
21
17
12.5
15.7
ALS36H153D3C040
22000
34.9 (1.375)
104.8 (4.125)
16
13
14.8
17.7
ALS36H223D4C040
22000
50.8 (2)
54.0 (2.125)
29
25
10.0
11.2
ALS36H223K2C040
33000
34.9 (1.375)
142.9 (5.625)
13
11
16.1
18.3
ALS36H333D5L040
33000
50.8 (2)
66.7 (2.625)
20
17
12.4
13.9
ALS36H333K2L040
47000
50.8 (2)
79.4 (3.125)
15
13
15.5
17.1
ALS36H473K3C040
68000
50.8 (2)
104.8 (4.125)
11
10
18.8
20.4
ALS36H683K4C040
68000
63.5 (2.5)
79.4 (3.125)
10
9
21.4
23.6
ALS36H683L3C040
100000
50.8 (2)
142.9 (5.625)
9
8
21.7
23.1
ALS36H104K5L040
100000
63.5 (2.5)
104.8 (4.125)
7
7
27.0
29.3
ALS36H104L4C040
150000
76.2 (3)
92.1 (3.625)
9
8
24.5
25.5
ALS36H154N3L040
220000
76.2 (3)
142.9 (5.625)
7
7
32.2
33.3
ALS36H224N5L040
330000
76.2 (3)
219.1 (8.625)
6
6
44.4
45.6
ALS36H334N8L040
6800
34.9 (1.375)
54.0 (2.125)
34
26
8.6
11.7
ALS36H682D2C050
10000
34.9 (1.375)
79.4 (3.125)
24
18
11.7
15.6
ALS36H103D3C050
15000
34.9 (1.375)
104.8 (4.125)
17
14
14.1
17.7
ALS36H153D4C050
15000
50.8 (2)
54.0 (2.125)
31
26
9.8
11.4
ALS36H153K2C050
22000
34.9 (1.375)
142.9 (5.625)
14
11
15.4
18.3
ALS36H223D5L050
22000
50.8 (2)
66.7 (2.625)
21
18
12.2
14.2
ALS36H223K2L050
33000
50.8 (2)
79.4 (3.125)
15
13
15.2
17.3
ALS36H333K3C050
33000
63.5 (2.5)
79.4 (3.125)
11
9
21.2
24.2
ALS36H333L3C050
47000
50.8 (2)
104.8 (4.125)
12
10
18.5
20.6
ALS36H473K4C050
47000
63.5 (2.5)
92.1 (3.625)
9
7
24.4
27.1
ALS36H473L3L050
68000
50.8 (2)
130.2 (5.125)
10
9
21.1
22.9
ALS36H683K5C050
68000
63.5 (2.5)
104.8 (4.125)
7
7
26.0
28.1
ALS36H683L4C050
68000
76.2 (3)
92.1 (3.625)
9
8
25.3
27.0
ALS36H683N3L050
100000
76.2 (3)
117.5 (4.625)
8
7
27.8
29.1
ALS36H104N4L050
150000
76.2 (3)
168.3 (6.625)
6
6
36.6
37.9
ALS36H154N6L050
4700
34.9 (1.375)
54.0 (2.125)
37
27
8.1
11.7
ALS36H472D2C063
6800
34.9 (1.375)
66.7 (2.625)
27
20
10.1
13.8
ALS36H682D2L063
10000
34.9 (1.375)
92.1 (3.625)
20
15
12.9
17.0
ALS36H103D3L063
10000
50.8 (2)
54.0 (2.125)
32
26
9.5
11.4
ALS36H103K2C063
15000
34.9 (1.375)
130.2 (5.125)
15
11
14.9
18.4
ALS36H153D5C063
15000
50.8 (2)
66.7 (2.625)
22
18
11.8
14.1
ALS36H153K2L063
22000
50.8 (2)
79.4 (3.125)
16
13
14.7
17.2
ALS36H223K3C063
63 VDC (U
R )
Mounting Style 6=plain or 7=stud
Termination Style A,C,E,G,H,J,M or R
* *



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com