Electronic Components Datasheet Search
  English  ▼

X  

ALS36 Datasheet(PDF) 3 Page - Kemet Corporation

Part # ALS36
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS36 Datasheet(HTML) 3 Page - Kemet Corporation

  ALS36 Datasheet HTML 1Page - Kemet Corporation ALS36 Datasheet HTML 2Page - Kemet Corporation ALS36 Datasheet HTML 3Page - Kemet Corporation ALS36 Datasheet HTML 4Page - Kemet Corporation ALS36 Datasheet HTML 5Page - Kemet Corporation ALS36 Datasheet HTML 6Page - Kemet Corporation ALS36 Datasheet HTML 7Page - Kemet Corporation ALS36 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
D2C
34.9
35.3
54.0
55.1
61.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
80
D2L
34.9
35.3
66.7
67.8
74.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
95
D3C
34.9
35.3
79.4
80.5
87.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
115
D3L
34.9
35.3
92.1
93.2
100.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
130
D4C
34.9
35.3
104.8
105.9
112.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
150
D4L
34.9
35.3
117.5
118.6
125.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
165
D5C
34.9
35.3
130.2
131.3
138.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
185
D5L
34.9
35.3
142.9
144.0
151.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
205
K2C
50.8
51.2
54.0
55.1
61.5
22.2
7.14
13.7
M12
16
V4/UTE2737
165
K2L
50.8
51.2
66.7
67.8
74.5
22.2
7.14
13.7
M12
16
V4/UTE2737
200
K3C
50.8
51.2
79.4
80.5
87.5
22.2
7.14
13.7
M12
16
V4/UTE2737
240
K3L
50.8
51.2
92.1
93.2
100.5
22.2
7.14
13.7
M12
16
V4/UTE2737
275
K4C
50.8
51.2
104.8
105.9
112.5
22.2
7.14
13.7
M12
16
V4/UTE2737
315
K4L
50.8
51.2
117.5
118.6
125.5
22.2
7.14
13.7
M12
16
V4/UTE2737
350
K5C
50.8
51.2
130.2
131.3
137.5
22.2
7.14
13.7
M12
16
V4/UTE2737
385
K5L
50.8
51.2
142.9
144.0
151.5
22.2
7.14
13.7
M12
16
V4/UTE2737
425
L3C
63.5
63.9
79.4
80.5
85.5
28.5
7.14
15.8
M12
16
V8
370
L3L
63.5
63.9
92.1
93.2
98.5
28.5
7.14
15.8
M12
16
V8
430
L4C
63.5
63.9
104.8
105.9
111.5
28.5
7.14
15.8
M12
16
V8
485
L4L
63.5
63.9
117.5
118.6
124.5
28.5
7.14
15.8
M12
16
V8
545
L5C
63.5
63.9
130.2
131.3
136.5
28.5
7.14
15.8
M12
16
V8
600
L5L
63.5
63.9
142.9
144.0
149.5
28.5
7.14
15.8
M12
16
V8
660
N3L
76.2
76.6
92.1
93.2
98.5
31.8
7.14
19
M12
16
V11
615
N4C
76.2
76.6
104.8
105.9
111.5
31.8
7.14
19
M12
16
V11
700
N4L
76.2
76.6
117.5
118.6
124.5
31.8
7.14
19
M12
16
V11
780
N5C
76.2
76.6
130.2
131.3
136.5
31.8
7.14
19
M12
16
V11
865
N5L
76.2
76.6
142.9
144.0
149.5
31.8
7.14
19
M12
16
V11
950
N5R
76.2
76.6
149.2
150.4
155.5
31.8
7.14
19
M12
16
V11
990
N6L
76.2
76.6
168.3
169.4
174.5
31.8
7.14
19
M12
16
V11
1115
D2C
1.375
1.39
2.125
2.17
2.42
0.5
0.281
0.315
M8
0.472
V3/H2/UTE2736
2.8
D2L
1.375
1.39
2.625
2.67
2.93
0.5
0.281
0.315
M8
0.472
V3/H2/UTE2736
3.3
D3C
1.375
1.39
3.125
3.17
3.44
0.5
0.281
0.315
M8
0.472
V3/H2/UTE2736
4.0
D3L
1.375
1.39
3.625
3.67
3.96
0.5
0.281
0.315
M8
0.472
V3/H2/UTE2736
4.6
D4C
1.375
1.39
4.125
4.17
4.43
0.5
0.281
0.315
M8
0.472
V3/H2/UTE2736
5.3
D4L
1.375
1.39
4.625
4.67
4.94
0.5
0.281
0.315
M8
0.472
V3/H2/UTE2736
5.8
D5C
1.375
1.39
5.125
5.17
5.45
0.5
0.281
0.315
M8
0.472
V3/H2/UTE2736
6.5
D5L
1.375
1.39
5.625
5.67
5.96
0.5
0.281
0.315
M8
0.472
V3/H2/UTE2736
7.2
K2C
2
2.015
2.125
2.17
2.42
0.875
0.281
0.539
M12
0.63
V4/UTE2737
5.8
K2L
2
2.015
2.625
2.67
2.93
0.875
0.281
0.539
M12
0.63
V4/UTE2737
7.1
K3C
2
2.015
3.125
3.17
3.44
0.875
0.281
0.539
M12
0.63
V4/UTE2737
8.5
K3L
2
2.015
3.625
3.67
3.96
0.875
0.281
0.539
M12
0.63
V4/UTE2737
9.7
K4C
2
2.015
4.125
4.17
4.43
0.875
0.281
0.539
M12
0.63
V4/UTE2737
11.1
K4L
2
2.015
4.625
4.67
4.94
0.875
0.281
0.539
M12
0.63
V4/UTE2737
12.3
K5C
2
2.015
5.125
5.17
5.41
0.875
0.281
0.539
M12
0.63
V4/UTE2737
13.6
K5L
2
2.015
5.625
5.67
5.96
0.875
0.281
0.539
M12
0.63
V4/UTE2737
15.0
L3C
2.5
2.515
3.125
3.17
3.37
1.125
0.281
0.622
M12
0.63
V8
13.1
L3L
2.5
2.515
3.625
3.67
3.88
1.125
0.281
0.622
M12
0.63
V8
15.2
L4C
2.5
2.515
4.125
4.17
4.39
1.125
0.281
0.622
M12
0.63
V8
17.1
L4L
2.5
2.515
4.625
4.67
4.90
1.125
0.281
0.622
M12
0.63
V8
19.2
L5C
2.5
2.515
5.125
5.17
5.37
1.125
0.281
0.622
M12
0.63
V8
21.2
L5L
2.5
2.515
5.625
5.67
5.89
1.125
0.281
0.622
M12
0.63
V8
23.3
N3L
3
3.015
3.625
3.67
3.88
1.25
0.281
0.748
M12
0.63
V11
21.7
N4C
3
3.015
4.125
4.17
4.39
1.25
0.281
0.748
M12
0.63
V11
24.7
N4L
3
3.015
4.625
4.67
4.90
1.25
0.281
0.748
M12
0.63
V11
27.5
N5C
3
3.015
5.125
5.17
5.37
1.25
0.281
0.748
M12
0.63
V11
30.5
N5L
3
3.015
5.625
5.67
5.89
1.25
0.281
0.748
M12
0.63
V11
33.5
N5R
3
3.015
5.875
5.92
6.12
1.25
0.281
0.748
M12
0.63
V11
34.9
CASE
D
D
L
L
LT
S
T
V
M
H
MOUNTING
WEIGHT
CODE
unsleeved
sleeved
unsleeved
sleeved
sleeved
THREAD
CLIP
ounces
±0.031
±0.031
±0.062
±0.062
±0.039
±0.019
±0.031
±0.039
CASE
D
D
L
L
LT
S
T
V
M
H
MOUNTING
WEIGHT
CODE
unsleeved
sleeved
unsleeved
sleeved
sleeved
THREAD
CLIP
grams
±0.8
±0.8
±1.6
±1.6
±1
±0.5
±0.8
±1
Dimensions (inches)
Dimensions (mm)
Note : Diameter ø90mm / ø4 inch case size available on request
ALS36 85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com