Electronic Components Datasheet Search
  English  ▼

X  

ALS36 Datasheet(PDF) 8 Page - Kemet Corporation

Part # ALS36
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS36 Datasheet(HTML) 8 Page - Kemet Corporation

  ALS36 Datasheet HTML 1Page - Kemet Corporation ALS36 Datasheet HTML 2Page - Kemet Corporation ALS36 Datasheet HTML 3Page - Kemet Corporation ALS36 Datasheet HTML 4Page - Kemet Corporation ALS36 Datasheet HTML 5Page - Kemet Corporation ALS36 Datasheet HTML 6Page - Kemet Corporation ALS36 Datasheet HTML 7Page - Kemet Corporation ALS36 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ALS36 85°C
MECHANICAL DATA
Mounting position
Th e capacitor can be mounte d in any
position so long as the safety vent can
operate. It is possible for some electrolyte
to be expelled. As this is a conducting liquid,
suitable precautions should be instigated
by the system designer to avoid secondary
short circuits.
The capacitors are designed to be mounted
in free air and are not suitable for submersion
in liquid.
Vibration
10Hz to 55Hz at 0.75mm or 10g for 3x2hrs
duration. Except 220mm long cans 10Hz
to 55H z at 0.35mm or 5g for 3x0.5hrs
duration.
Insulating resistance
> 100 Mohms at 100V d.c., across insulating
sleeve.
Voltage Proof
> 2500V d.c., across insulating sleeve.
Safety vent
A safety vent for over pressure is featured on
terminal deck. This is in the form of a rubber
plug designed to relieve build up of internal
pressure due to over stress or catastrophic
failure.
OPERATIONAL DATA
The failure rate is derived from our periodic
test results. The failure rate (
λ
R) is therefore
only given at test temperature for life tests.
An estimation is also given at 40°C. The
expected failure rate for this capacitor range
is based on our periodic test results for
capacitors with structural similarity. Failure
rate is frequently quoted in FIT (Failures In
Time) where 1 FIT = 1 x 10-9 failures per hour.
Failure rates include both catastrophic and
parametric failures
T
a
Failure rate per hour
85°C
250 FIT
40°C
12 FIT
RELIABILITY
Operational Lifetime
Please see separ at e BHC application
notes TD003 for calculating operational
life expectancy under customer specific
conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com