Electronic Components Datasheet Search
  English  ▼

X  

ALS36 Datasheet(PDF) 5 Page - Kemet Corporation

Part # ALS36
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS36 Datasheet(HTML) 5 Page - Kemet Corporation

  ALS36 Datasheet HTML 1Page - Kemet Corporation ALS36 Datasheet HTML 2Page - Kemet Corporation ALS36 Datasheet HTML 3Page - Kemet Corporation ALS36 Datasheet HTML 4Page - Kemet Corporation ALS36 Datasheet HTML 5Page - Kemet Corporation ALS36 Datasheet HTML 6Page - Kemet Corporation ALS36 Datasheet HTML 7Page - Kemet Corporation ALS36 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
BHC and Evox Rifa Electrolytic Capacitors
ALS36 85°C
ARTICLE TABLE ALS36 (85°C)
Cap
(μF)
Nominal Case Size
mm (inches)
ESR max. (m
Ω)
at 25°C
Ripple current(A) at
85°C
Part number
Dia
Len
120Hz
20kHz
120Hz
20kHz
63 VDC (U
R )
160 VDC (U
R )
75 VDC (U
R )
100 VDC (U
R )
Mounting Style 6=plain or 7=stud
Termination Style A,C,E,G,H,J,M or R
* *
22000
63.5 (2.5)
79.4 (3.125)
11
9
20.5
24.5
ALS36H223L3C063
33000
50.8 (2)
104.8 (4.125)
12
10
18.0
20.4
ALS36H333K4C063
33000
63.5 (2.5)
92.1 (3.625)
9
7
23.8
27.2
ALS36H333L3L063
47000
50.8 (2)
130.2 (5.125)
10
9
20.6
22.7
ALS36H473K5C063
47000
63.5 (2.5)
104.8 (4.125)
8
7
25.6
28.2
ALS36H473L4C063
47000
76.2 (3)
92.1 (3.625)
9
8
25.0
27.1
ALS36H473N3L063
68000
76.2 (3)
104.8 (4.125)
8
7
26.4
28.0
ALS36H683N4C063
100000
76.2 (3)
168.3 (6.625)
6
6
36.6
38.4
ALS36H104N6L063
3300
34.9 (1.375)
54.0 (2.125)
55
43
7.1
9.4
ALS36H332D2C075
4700
34.9 (1.375)
66.7 (2.625)
40
32
8.8
11.3
ALS36H472D2L075
4700
50.8 (2)
54.0 (2.125)
50
42
7.9
9.3
ALS36H472K2C075
6800
34.9 (1.375)
79.4 (3.125)
29
24
10.6
13.2
ALS36H682D3C075
6800
50.8 (2)
66.7 (2.625)
34
28
10.0
11.7
ALS36H682K2L075
10000
34.9 (1.375)
117.5 (4.625)
21
17
13.2
16.0
ALS36H103D4L075
10000
50.8 (2)
79.4 (3.125)
24
20
12.6
14.6
ALS36H103K3C075
15000
50.8 (2)
92.1 (3.625)
21
18
13.5
14.9
ALS36H153K3L075
22000
50.8 (2)
117.5 (4.625)
15
14
16.3
17.7
ALS36H223K4L075
22000
63.5 (2.5)
79.4 (3.125)
16
14
16.6
18.0
ALS36H223L3C075
33000
63.5 (2.5)
104.8 (4.125)
11
10
21.6
23.3
ALS36H333L4C075
33000
76.2 (3)
92.1 (3.625)
13
12
20.7
21.9
ALS36H333N3L075
47000
76.2 (3)
104.8 (4.125)
12
11
21.9
22.9
ALS36H473N4C075
68000
76.2 (3)
168.3 (6.625)
9
8
31.7
32.9
ALS36H683N6L075
100000
76.2 (3)
219.1 (8.625)
8
7
38.2
39.3
ALS36H104N8L075
2200
34.9 (1.375)
54.0 (2.125)
61
46
6.6
9.3
ALS36H222D2C100
3300
34.9 (1.375)
66.7 (2.625)
43
33
8.3
11.3
ALS36H332D2L100
3300
50.8 (2)
54.0 (2.125)
52
42
7.7
9.3
ALS36H332K2C100
4700
34.9 (1.375)
79.4 (3.125)
31
24
10.1
13.2
ALS36H472D3C100
6800
34.9 (1.375)
104.8 (4.125)
23
18
12.2
15.2
ALS36H682D4C100
6800
50.8 (2)
66.7 (2.625)
32
27
9.5
10.8
ALS36H682K2L100
10000
34.9 (1.375)
142.9 (5.625)
18
14
13.7
16.4
ALS36H103D5L100
10000
50.8 (2)
79.4 (3.125)
23
20
12.0
13.5
ALS36H103K3C100
15000
50.8 (2)
104.8 (4.125)
17
15
15.0
16.5
ALS36H153K4C100
15000
63.5 (2.5)
79.4 (3.125)
16
14
16.5
18.3
ALS36H153L3C100
22000
63.5 (2.5)
104.8 (4.125)
11
10
21.5
23.8
ALS36H223L4C100
22000
76.2 (3)
92.1 (3.625)
13
12
20.8
22.5
ALS36H223N3L100
33000
76.2 (3)
104.8 (4.125)
12
11
21.9
23.1
ALS36H333N4C100
47000
76.2 (3)
168.3 (6.625)
9
8
31.7
33.3
ALS36H473N6L100
68000
76.2 (3)
219.1 (8.625)
8
7
38.4
39.8
ALS36H683N8L100
1000
34.9 (1.375)
54.0 (2.125)
149
94
4.1
7.4
ALS36H102D2C160
1500
34.9 (1.375)
66.7 (2.625)
101
65
5.3
9.2
ALS36H152D2L160
1500
50.8 (2)
54.0 (2.125)
111
74
5.4
8.3
ALS36H152K2C160
2200
34.9 (1.375)
92.1 (3.625)
70
45
7.0
11.9
ALS36H222D3L160
2200
50.8 (2)
66.7 (2.625)
76
50
6.8
10.5
ALS36H222K2L160
3300
34.9 (1.375)
117.5 (4.625)
49
32
8.7
13.8
ALS36H332D4L160
3300
50.8 (2)
79.4 (3.125)
52
35
8.7
13.1
ALS36H332K3C160
4700
50.8 (2)
92.1 (3.625)
40
28
10.3
14.2
ALS36H472K3L160
6800
50.8 (2)
117.5 (4.625)
29
21
12.7
17.0
ALS36H682K4L160
6800
63.5 (2.5)
79.4 (3.125)
29
21
13.1
17.4
ALS36H682L3C160
10000
63.5 (2.5)
104.8 (4.125)
20
15
17.2
22.7
ALS36H103L4C160
10000
76.2 (3)
92.1 (3.625)
22
16
17.2
21.8
ALS36H103N3L160
15000
76.2 (3)
104.8 (4.125)
17
14
19.2
22.8
ALS36H153N4C160
22000
76.2 (3)
142.9 (5.625)
15
12
23.3
26.4
ALS36H223N5L160



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com