Electronic Components Datasheet Search
  English  ▼

X  

ALS36 Datasheet(PDF) 6 Page - Kemet Corporation

Part # ALS36
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS36 Datasheet(HTML) 6 Page - Kemet Corporation

  ALS36 Datasheet HTML 1Page - Kemet Corporation ALS36 Datasheet HTML 2Page - Kemet Corporation ALS36 Datasheet HTML 3Page - Kemet Corporation ALS36 Datasheet HTML 4Page - Kemet Corporation ALS36 Datasheet HTML 5Page - Kemet Corporation ALS36 Datasheet HTML 6Page - Kemet Corporation ALS36 Datasheet HTML 7Page - Kemet Corporation ALS36 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ALS36 85°C
ARTICLE TABLE ALS36 (85°C)
Cap
(μF)
Nominal Case Size
mm (inches)
ESR max. (m
Ω)
at 25°C
Ripple current(A) at
85°C
Part number
Dia
Len
120Hz
20kHz
120Hz
20kHz
200 VDC (U
R )
250 VDC (U
R )
680
34.9 (1.375)
54.0 (2.125)
241
165
3.4
5.9
ALS36H681D2C200
1000
34.9 (1.375)
66.7 (2.625)
166
114
4.4
7.5
ALS36H102D2L200
1000
50.8 (2)
54.0 (2.125)
175
123
4.6
7.2
ALS36H102K2C200
1500
34.9 (1.375)
79.4 (3.125)
112
78
5.6
9.3
ALS36H152D3C200
1500
50.8 (2)
66.7 (2.625)
117
83
5.8
9.1
ALS36H152K2L200
2200
34.9 (1.375)
117.5 (4.625)
78
55
7.4
11.7
ALS36H222D4L200
2200
50.8 (2)
79.4 (3.125)
81
57
7.5
11.5
ALS36H222K3C200
3300
50.8 (2)
104.8 (4.125)
55
40
9.8
14.5
ALS36H332K4C200
4700
50.8 (2)
117.5 (4.625)
42
31
11.3
15.7
ALS36H472K4L200
4700
63.5 (2.5)
79.4 (3.125)
42
31
11.7
16.1
ALS36H472L3C200
6800
63.5 (2.5)
104.8 (4.125)
29
22
15.4
21.1
ALS36H682L4C200
6800
76.2 (3)
92.1 (3.625)
31
23
15.7
20.6
ALS36H682N3L200
10000
76.2 (3)
104.8 (4.125)
24
18
17.8
22.1
ALS36H103N4C200
15000
76.2 (3)
142.9 (5.625)
19
16
22.0
25.8
ALS36H153N5L200
22000
76.2 (3)
168.3 (6.625)
15
13
25.9
29.2
ALS36H223N6L200
680
34.9 (1.375)
54.0 (2.125)
206
134
3.5
6.3
ALS36H681D2C250
1000
34.9 (1.375)
79.4 (3.125)
140
91
4.9
8.8
ALS36H102D3C250
1000
50.8 (2)
54.0 (2.125)
154
105
4.7
7.3
ALS36H102K2C250
1500
34.9 (1.375)
104.8 (4.125)
95
63
6.3
10.9
ALS36H152D4C250
1500
50.8 (2)
66.7 (2.625)
103
70
5.9
9.2
ALS36H152K2L250
2200
34.9 (1.375)
142.9 (5.625)
67
45
7.6
12.5
ALS36H222D5L250
2200
50.8 (2)
79.4 (3.125)
71
49
7.7
11.7
ALS36H222K3C250
3300
63.5 (2.5)
79.4 (3.125)
48
33
10.8
16.2
ALS36H332L3C250
4700
50.8 (2)
142.9 (5.625)
36
25
12.5
17.7
ALS36H472K5L250
4700
63.5 (2.5)
92.1 (3.625)
35
25
13.3
19.0
ALS36H472L3L250
6800
63.5 (2.5)
142.9 (5.625)
25
18
17.7
24.7
ALS36H682L5L250
6800
76.2 (3)
92.1 (3.625)
29
22
15.5
19.9
ALS36H682N3L250
10000
76.2 (3)
142.9 (5.625)
20
15
21.4
26.9
ALS36H103N5L250
15000
76.2 (3)
168.3 (6.625)
17
13
25.4
30.1
ALS36H153N6L250
330
34.9 (1.375)
54.0 (2.125)
366
230
2.7
5.1
ALS36H331D2C350
470
34.9 (1.375)
66.7 (2.625)
258
163
3.4
6.5
ALS36H471D2L350
470
50.8 (2)
54.0 (2.125)
254
158
3.7
6.7
ALS36H471K2C350
680
34.9 (1.375)
79.4 (3.125)
180
114
4.3
8.0
ALS36H681D3C350
680
50.8 (2)
66.7 (2.625)
175
109
4.6
8.4
ALS36H681K2L350
1000
34.9 (1.375)
104.8 (4.125)
124
79
5.5
10.0
ALS36H102D4C350
1000
50.8 (2)
79.4 (3.125)
120
75
5.9
10.7
ALS36H102K3C350
1500
34.9 (1.375)
142.9 (5.625)
85
55
6.8
11.7
ALS36H152D5L350
1500
50.8 (2)
92.1 (3.625)
84
54
7.5
12.4
ALS36H152K3L350
2200
50.8 (2)
117.5 (4.625)
58
38
9.3
15.1
ALS36H222K4L350
2200
63.5 (2.5)
79.4 (3.125)
59
38
9.7
15.6
ALS36H222L3C350
3300
63.5 (2.5)
104.8 (4.125)
40
26
12.9
20.3
ALS36H332L4C350
4700
76.2 (3)
92.1 (3.625)
35
25
14.3
19.1
ALS36H472N3L350
6800
76.2 (3)
142.9 (5.625)
25
18
19.8
26.0
ALS36H682N5L350
10000
76.2 (3)
168.3 (6.625)
19
14
23.9
29.7
ALS36H103N6L350
330
34.9 (1.375)
54.0 (2.125)
355
227
2.7
5.2
ALS36H331D2C400
470
34.9 (1.375)
79.4 (3.125)
249
159
3.7
7.2
ALS36H471D3C400
470
50.8 (2)
54.0 (2.125)
262
171
3.7
6.5
ALS36H471K2C400
680
34.9 (1.375)
104.8 (4.125)
174
111
4.8
8.9
ALS36H681D4C400
680
50.8 (2)
66.7 (2.625)
181
118
4.6
8.1
ALS36H681K2L400
350 VDC (U
R )
400 VDC (U
R )
Mounting Style 6=plain or 7=stud
Termination Style A,C,E,G,H,J,M or R
* *



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com