Electronic Components Datasheet Search
  English  ▼

X  

RHF330 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHF330
Description  Rad-hard 1 GHz low noise operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHF330 Datasheet HTML 3Page - STMicroelectronics RHF330 Datasheet HTML 4Page - STMicroelectronics RHF330 Datasheet HTML 5Page - STMicroelectronics RHF330 Datasheet HTML 6Page - STMicroelectronics RHF330 Datasheet HTML 7Page - STMicroelectronics RHF330 Datasheet HTML 8Page - STMicroelectronics RHF330 Datasheet HTML 9Page - STMicroelectronics RHF330 Datasheet HTML 10Page - STMicroelectronics RHF330 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
RHF330
Electrical characteristics
Doc ID 15576 Rev 3
7/22
Figure 7.
Negative slew rate
Figure 8.
Output amplitude vs. load
-2ns
-1ns
0s
1ns
2ns
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Gain=+2
Vcc=+5V
Load=100
Ω
Time (ns)
10
100
1k
10k
100k
2.0
2.5
3.0
3.5
4.0
Gain=+2
Vcc=5V
Load=100
Ω
Load (ohms)
Figure 9.
Distortion vs. amplitude
Figure 10.
Isource
HD3
HD2
Gain=+2
Vcc=+5V
F=10MHz
Load=100
Ω
0.0
0.5
1.0
1.5
2.0
-600
-550
-500
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
V (V)
Figure 11.
Isink
Figure 12.
Noise figure
-2.0
-1.5
-1.0
-0.5
0.0
0
50
100
150
200
250
300
350
400
450
500
550
600
V (V)
Vcc=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com