Electronic Components Datasheet Search
  English  ▼

X  

RHF330 Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHF330
Description  Rad-hard 1 GHz low noise operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHF330 Datasheet HTML 4Page - STMicroelectronics RHF330 Datasheet HTML 5Page - STMicroelectronics RHF330 Datasheet HTML 6Page - STMicroelectronics RHF330 Datasheet HTML 7Page - STMicroelectronics RHF330 Datasheet HTML 8Page - STMicroelectronics RHF330 Datasheet HTML 9Page - STMicroelectronics RHF330 Datasheet HTML 10Page - STMicroelectronics RHF330 Datasheet HTML 11Page - STMicroelectronics RHF330 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
RHF330
8/22
Doc ID 15576 Rev 3
Figure 13.
Input current noise vs. frequency
Figure 14.
Input voltage noise vs. frequency
Neg. Current
Noise
Pos. Current
Noise
Gain=14.1dB
Rg=180ohms
Rfb=750ohms
non-inverting input in short-circuit
Vcc=5V
Gain=37dB
Rg=10ohms
Rfb=750ohms
non-inverting input in short-circuit
Vcc=5V
Figure 15.
Reverse isolation vs. frequency
Figure 16.
Iout vs. temperature
1M
10M
100M
1G
-100
-80
-60
-40
-20
0
Small Signal
Vcc=5V
Load=100
Ω
Frequency (Hz)
-40
-20
0
20
40
60
80
100
120
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Output: short-circuit
Vcc=5V
Isource
Isink
Temperature (°C)
Figure 17.
CMR vs. temperature
Figure 18.
SVR vs. temperature
-40
-20
0
20
40
60
80
100
120
46
48
50
52
54
56
58
60
Vcc=5V
Load=100
Ω
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
50
55
60
65
70
75
80
85
Gain=+1
Vcc=5V
Load=100
Ω
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com