Electronic Components Datasheet Search
  English  ▼

X  

RHF330 Datasheet(PDF) 18 Page - STMicroelectronics

Part # RHF330
Description  Rad-hard 1 GHz low noise operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button RHF330 Datasheet HTML 14Page - STMicroelectronics RHF330 Datasheet HTML 15Page - STMicroelectronics RHF330 Datasheet HTML 16Page - STMicroelectronics RHF330 Datasheet HTML 17Page - STMicroelectronics RHF330 Datasheet HTML 18Page - STMicroelectronics RHF330 Datasheet HTML 19Page - STMicroelectronics RHF330 Datasheet HTML 20Page - STMicroelectronics RHF330 Datasheet HTML 21Page - STMicroelectronics RHF330 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Bias of an inverting amplifier
RHF330
18/22
Doc ID 15576 Rev 3
7
Bias of an inverting amplifier
A resistance is necessary to achieve good input biasing, such as resistance R shown in
Figure 32.
The value of this resistance is calculated from the negative and positive input bias current.
The aim is to compensate for the offset bias current, which can affect the input offset voltage
and the output DC component. Assuming Iib-, Iib+, Rin, Rfb and a zero volt output, the
resistance R is:
Figure 32.
Compensation of the input bias current
R
R
in
R
fb
×
R
in
R
+
fb
------------------------
=
R
Load
Output
R
fb
R
in
I
ib
-
I
ib
+
V
CC+
V
CC
-
+
_
AM00839



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com