Electronic Components Datasheet Search
  English  ▼

X  

RHF330 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHF330
Description  Rad-hard 1 GHz low noise operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330 Datasheet(HTML) 3 Page - STMicroelectronics

  RHF330 Datasheet HTML 1Page - STMicroelectronics RHF330 Datasheet HTML 2Page - STMicroelectronics RHF330 Datasheet HTML 3Page - STMicroelectronics RHF330 Datasheet HTML 4Page - STMicroelectronics RHF330 Datasheet HTML 5Page - STMicroelectronics RHF330 Datasheet HTML 6Page - STMicroelectronics RHF330 Datasheet HTML 7Page - STMicroelectronics RHF330 Datasheet HTML 8Page - STMicroelectronics RHF330 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
RHF330
Absolute maximum ratings and operating conditions
Doc ID 15576 Rev 3
3/22
1
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vid
Differential input voltage(2)
2.
Differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
± 0.5
V
Vin
Input voltage range(3)
3.
The magnitude of input and output voltage must never exceed VCC +0.3 V.
± 2.5
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Flat-8 thermal resistance junction to ambient
50
°C/W
Rthjc
Flat-8 thermal resistance junction to case
30
°C/W
Pmax
Flat-8 maximum power dissipation(4)
(Tamb = + 25° C) for Tj =150°C
4.
Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on all
amplifiers.
830
mW
ESD
HBM: human body model(5)
pins 1, 4, 5, 6, 7 and 8
pins 2 and 3
5.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2
0.6
kV
MM: machine model(6)
pins 1, 4, 5, 6, 7 and 8
pins 2 and 3
6.
This is a minimum value.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
80
V
CDM: charged device model(7)
pins 1, 4, 5, 6, 7 and 8
pins 2 and 3
7.
Charged device model: all pins and package are charged together to the specified voltage and then
discharged directly to ground through only one pin.
1.5
1
kV
Latch-up immunity
200
mA
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5 to 5.5
V
Vicm
Common-mode input voltage
-VCC +1.5 to +VCC-1.5
V
Tamb
Operating free-air temperature range(1)
1.
Tj must never exceed +150°C. P = (Tj - Tamb)/Rthja = (Tj - Tcase)/Rthjc with P being the power that the
RHF330 must dissipate in the application.
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com