Electronic Components Datasheet Search
  English  ▼

X  

RHF330 Datasheet(PDF) 12 Page - STMicroelectronics

Part # RHF330
Description  Rad-hard 1 GHz low noise operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RHF330 Datasheet HTML 8Page - STMicroelectronics RHF330 Datasheet HTML 9Page - STMicroelectronics RHF330 Datasheet HTML 10Page - STMicroelectronics RHF330 Datasheet HTML 11Page - STMicroelectronics RHF330 Datasheet HTML 12Page - STMicroelectronics RHF330 Datasheet HTML 13Page - STMicroelectronics RHF330 Datasheet HTML 14Page - STMicroelectronics RHF330 Datasheet HTML 15Page - STMicroelectronics RHF330 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Power supply considerations
RHF330
12/22
Doc ID 15576 Rev 3
4
Power supply considerations
Correct power supply bypassing is very important for optimizing performance in high-
frequency ranges. The bypass capacitors should be placed as close as possible to the IC
pins to improve high-frequency bypassing. A capacitor greater than 1
μF is necessary to
minimize the distortion. For better quality bypassing, a 10 nF capacitor can be added. It
should also be placed as close as possible to the IC pins. The bypass capacitors must be
incorporated for both the negative and the positive supply.
For example, on the RHF3xx single op-amp demonstration board, these capacitors are C6,
C7, C8, C9.
Figure 28.
Circuit for power supply bypassing
4.1
Single power supply
In the event that a single supply system is used, biasing is necessary to obtain a positive
output dynamic range between 0 V and +VCC supply rails. Considering the values of VOH
and VOL, the amplifier provides an output swing from +0.9 V to +4.1 V on a 100 Ω load.
The amplifier must be biased with a mid-supply (nominally +VCC/2), in order to maintain the
DC component of the signal at this value. Several options are possible to provide this bias
supply, such as a virtual ground using an operational amplifier or a two-resistance divider
(which is the cheapest solution). A high resistance value is required to limit the current
consumption. On the other hand, the current must be high enough to bias the non-inverting
input of the amplifier. If we consider this bias current (55
μA maximum) as 1% of the current
through the resistance divider, to keep a stable mid-supply, two resistances of 470
Ω can be
used.
The input provides a high-pass filter with a break frequency below 10 Hz which is necessary
to remove the original 0 V DC component of the input signal, and to set it at +VCC/2.
Figure 29 on page 13 illustrates a 5 V single power supply configuration for the RHF3xx
single op-amp demonstration board.
+
+V
CC
10 µF
+
10 nF
10 µF
+
10 nF
-
-V
CC
AM00835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com