Electronic Components Datasheet Search
  English  ▼

X  

RHF330 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHF330
Description  Rad-hard 1 GHz low noise operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330 Datasheet(HTML) 4 Page - STMicroelectronics

  RHF330 Datasheet HTML 1Page - STMicroelectronics RHF330 Datasheet HTML 2Page - STMicroelectronics RHF330 Datasheet HTML 3Page - STMicroelectronics RHF330 Datasheet HTML 4Page - STMicroelectronics RHF330 Datasheet HTML 5Page - STMicroelectronics RHF330 Datasheet HTML 6Page - STMicroelectronics RHF330 Datasheet HTML 7Page - STMicroelectronics RHF330 Datasheet HTML 8Page - STMicroelectronics RHF330 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical characteristics
RHF330
4/22
Doc ID 15576 Rev 3
2
Electrical characteristics
Table 4.
Electrical characteristics for VCC= ±2.5 V, Tamb =+25°C
(unless otherwise specified)
Symbol
Parameter
Test conditions
Temp.
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
+125°C
-3.1
+3.1
mV
+25°C
-3.1
0.18
+3.1
-55°C
-3.1
+3.1
Iib+
Non-inverting input bias
current
+125°C
55
μA
+25°C
26
55
-55°C
55
Iib-
Inverting input bias current
+125°C
34
μA
+25°C
7
22
-55°C
34
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
ΔVic = ±1 V
+125°C
48
dB
+25°C
48
54
-55°C
48
SVR
Supply voltage rejection ratio
20 log (
ΔVCC/ΔVout)
ΔVCC = 3.5 V to 5 V
+125°C
45
dB
+25°C
60
74
-55°C
45
PSRR
Power supply rejection ratio
20 log (
ΔVCC/ΔVout)
ΔVCC =200 mVpp at
1kHz
+25°C
56
dB
ICC
Supply current
No load
+125°C
20.2
mA
+25°C
16.6
20.2
-55°C
20.2
Dynamic performance and output characteristics
ROL
Transimpedance
ΔVout= ±1 V, RL = 100 Ω
+125°C
85
k
Ω
+25°C
104
153
-55°C
85
Bw
-3 dB bandwidth
Vout =20mVpp
RL = 100 Ω, AV = +2
+25°C
1000
MHz
RL = 100 Ω, AV = -4
+125°C
400
+25°C
400
630
-55°C
400
Gain flatness at 0.1 dB
Vout =20mVpp
AV = +2, RL = 100 Ω
+25°C
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com