Electronic Components Datasheet Search
  English  ▼

X  

RHF350 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHF350
Description  Rad-hard 550 MHz low noise operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHF350 Datasheet HTML 2Page - STMicroelectronics RHF350 Datasheet HTML 3Page - STMicroelectronics RHF350 Datasheet HTML 4Page - STMicroelectronics RHF350 Datasheet HTML 5Page - STMicroelectronics RHF350 Datasheet HTML 6Page - STMicroelectronics RHF350 Datasheet HTML 7Page - STMicroelectronics RHF350 Datasheet HTML 8Page - STMicroelectronics RHF350 Datasheet HTML 9Page - STMicroelectronics RHF350 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical characteristics
RHF350
6/23
Doc ID 15604 Rev 4
Figure 1.
Frequency response, positive gain
Figure 2.
Flatness, gain = +1
Figure 3.
Flatness, gain = +2
Figure 4.
Flatness, gain = +4
Figure 5.
Flatness, gain = +10
Figure 6.
Slew rate
-2 ns
-1 ns
0 s
1 ns
2 ns
0.00
0.25
0.50
0.75
1.00
1.25
1.50
Gain = +2
VCC = +5 V
Load = 100
Time (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com