Electronic Components Datasheet Search
  English  ▼

X  

RHF350 Datasheet(PDF) 18 Page - STMicroelectronics

Part # RHF350
Description  Rad-hard 550 MHz low noise operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button RHF350 Datasheet HTML 14Page - STMicroelectronics RHF350 Datasheet HTML 15Page - STMicroelectronics RHF350 Datasheet HTML 16Page - STMicroelectronics RHF350 Datasheet HTML 17Page - STMicroelectronics RHF350 Datasheet HTML 18Page - STMicroelectronics RHF350 Datasheet HTML 19Page - STMicroelectronics RHF350 Datasheet HTML 20Page - STMicroelectronics RHF350 Datasheet HTML 21Page - STMicroelectronics RHF350 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Active filtering
RHF350
18/23
Doc ID 15604 Rev 4
The higher the gain, the more sensitive the damping factor is. When the gain is higher than
1, it is preferable to use very stable resistor and capacitor values. In the case of R1= R2 = R:
Equation 16
Due to a limited selection of capacitor values in comparison with resistor values, we can set
C1= C2 = C, so that:
Equation 17
ζ
2C
2
C
1
R
fb
R
g
--------
–
2C
1C2
---------------------------------
=
ζ
2R
2
R
1
R
fb
R
g
--------
–
2R
1R2
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com