Electronic Components Datasheet Search
  English  ▼

X  

RHF350 Datasheet(PDF) 17 Page - STMicroelectronics

Part # RHF350
Description  Rad-hard 550 MHz low noise operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button RHF350 Datasheet HTML 13Page - STMicroelectronics RHF350 Datasheet HTML 14Page - STMicroelectronics RHF350 Datasheet HTML 15Page - STMicroelectronics RHF350 Datasheet HTML 16Page - STMicroelectronics RHF350 Datasheet HTML 17Page - STMicroelectronics RHF350 Datasheet HTML 18Page - STMicroelectronics RHF350 Datasheet HTML 19Page - STMicroelectronics RHF350 Datasheet HTML 20Page - STMicroelectronics RHF350 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
RHF350
Active filtering
Doc ID 15604 Rev 4
17/23
7
Active filtering
Figure 29.
Low-pass active filtering, Sallen-Key
From the resistors
Rfb and RG we can directly calculate the gain of the filter in a classic non-
inverting amplification configuration.
Equation 12
We assume the following expression is the response of the system.
Equation 13
The cut-off frequency is not gain-dependent and so becomes:
Equation 14
The damping factor is calculated by
Equation 15:
Equation 15
+
_
R
G
IN
R
fb
100
Ω
OUT
R1
R2
C2
C1
AM00840
A
V
g1
R
fb
R
g
--------
+
==
T
j
ω
Vout
j
ω
Vin
j
ω
-----------------
g
12
ζ
j
ω
ω
c
-----
j
ω
()
2
ω
c
2
------------
++
-----------------------------------------
==
ω
c
1
R1R2C1C2
-------------------------------------
=
ζ
1
2
---
ω
c C1R1
C
1R2
C
2R1
C
1R1g
–
++
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com