Electronic Components Datasheet Search
  English  ▼

X  

RHF350 Datasheet(PDF) 16 Page - STMicroelectronics

Part # RHF350
Description  Rad-hard 550 MHz low noise operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button RHF350 Datasheet HTML 12Page - STMicroelectronics RHF350 Datasheet HTML 13Page - STMicroelectronics RHF350 Datasheet HTML 14Page - STMicroelectronics RHF350 Datasheet HTML 15Page - STMicroelectronics RHF350 Datasheet HTML 16Page - STMicroelectronics RHF350 Datasheet HTML 17Page - STMicroelectronics RHF350 Datasheet HTML 18Page - STMicroelectronics RHF350 Datasheet HTML 19Page - STMicroelectronics RHF350 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Inverting amplifier biasing
RHF350
16/23
Doc ID 15604 Rev 4
6
Inverting amplifier biasing
A resistance is necessary to achieve good input biasing, such as resistance
R shown in
Figure 28.
The value of this resistance is calculated from the negative and positive input bias current.
The aim is to compensate for the offset bias current, which can affect the input offset voltage
and the output DC component. Assuming
Iib-, Iib+, Rin, Rfb and a 0 V output, the resistance
R is:
Equation 11
Figure 28.
Compensation of the input bias current
R
R
in
R
fb
×
R
in
R
+
fb
------------------------
=
R
Load
Output
R
fb
R
in
I
ib
-
I
ib
+
V
CC+
V
CC
-
+
_
AM00839



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com