Electronic Components Datasheet Search
  English  ▼

X  

RHF350 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHF350
Description  Rad-hard 550 MHz low noise operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHF350 Datasheet HTML 6Page - STMicroelectronics RHF350 Datasheet HTML 7Page - STMicroelectronics RHF350 Datasheet HTML 8Page - STMicroelectronics RHF350 Datasheet HTML 9Page - STMicroelectronics RHF350 Datasheet HTML 10Page - STMicroelectronics RHF350 Datasheet HTML 11Page - STMicroelectronics RHF350 Datasheet HTML 12Page - STMicroelectronics RHF350 Datasheet HTML 13Page - STMicroelectronics RHF350 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Power supply considerations
RHF350
10/23
Doc ID 15604 Rev 4
3
Power supply considerations
Correct power supply bypassing is very important to optimize performance in high-
frequency ranges. The bypass capacitors should be placed as close as possible to the IC
pins to improve high-frequency bypassing. A capacitor greater than 1
µF is necessary to
minimize the distortion. For better quality bypassing, a 10 nF capacitor can be added. It
should also be placed as close as possible to the IC pins. The bypass capacitors must be
incorporated for both the negative and positive supply.
Figure 24.
Circuit for power supply bypassing
Single power supply
In the event that a single supply system is used, biasing is necessary to obtain a positive
output dynamic range between the 0 V and +VCC supply rails. Considering the values of
VOH and VOL, the amplifier provides an output swing from +0.9 V to +4.1 V on a 100 Ω load.
The amplifier must be biased with a mid-supply (nominally +VCC/2), in order to maintain the
DC component of the signal at this value. Several options are possible to provide this bias
supply, such as a virtual ground using an operational amplifier or a two-resistance divider
(which is the cheapest solution). A high resistance value is required to limit the current
consumption. On the other hand, the current must be high enough to bias the non-inverting
input of the amplifier. If we consider this bias current (35
µA maximum) as 1% of the current
through the resistance divider, to keep a stable mid-supply two resistances of 750
Ω can be
used.
The input provides a high-pass filter with a break frequency below 10 Hz which is necessary
to remove the original 0 V DC component of the input signal, and to set it at +VCC/2.
Figure 25 on page 11 illustrates a 5 V single power supply configuration. A capacitor CG is
added to the gain network to ensure a unity gain at low frequencies in order to keep the right
DC component at the output. CG contributes to a high-pass filter with Rfb//RG and its value is
calculated with regard to the cut-off frequency of this low-pass filter.
+
10 µF
+
10 nF
10 µF
+
10 nF
-
AM00835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com