Electronic Components Datasheet Search
  English  ▼

X  

RHF350 Datasheet(PDF) 12 Page - STMicroelectronics

Part # RHF350
Description  Rad-hard 550 MHz low noise operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RHF350 Datasheet HTML 8Page - STMicroelectronics RHF350 Datasheet HTML 9Page - STMicroelectronics RHF350 Datasheet HTML 10Page - STMicroelectronics RHF350 Datasheet HTML 11Page - STMicroelectronics RHF350 Datasheet HTML 12Page - STMicroelectronics RHF350 Datasheet HTML 13Page - STMicroelectronics RHF350 Datasheet HTML 14Page - STMicroelectronics RHF350 Datasheet HTML 15Page - STMicroelectronics RHF350 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Noise measurements
RHF350
12/23
Doc ID 15604 Rev 4
4
Noise measurements
The noise model is shown in
Figure 26.
●
eN: input voltage noise of the amplifier.
●
iNn: negative input current noise of the amplifier.
●
iNp: positive input current noise of the amplifier.
Figure 26.
Noise model
The thermal noise of a resistance
R is:
Equation 1
where
∆F is the specified bandwidth.
On a 1 Hz bandwidth the thermal noise is reduced to:
Equation 2
where
k is the Boltzmann's constant, equal to 1,374.E(-23)J/°K. T is the temperature (°K).
The output noise eNo is calculated using the superposition theorem. However,
eNo is not
the simple sum of all noise sources, but rather the square root of the sum of the square of
each noise source, as shown in
Equation 3.
Equation 3
+
_
R3
R1
Output
R2
iN -
iN +
HP3577
Input noise:
8 nV/
√Hz
N1
N2
N3
eN
AM00837
4kTR
∆F
4kTR
eNo
V1
2
V2
2
V3
2
V4
2
V5
2
V6
2
+
++++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com