Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 145 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 145 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 149Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
145
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
Bit
Bitfield Name
RW
Default
Description
[7:4]
Default
Association
RW
Fh
Association number:
0h = Reserved
1h-Eh = Multi Channel or Single Pin Widget
Fh = Single Pin Widget Only
[3:0]
Sequence
RW
0h
Sequence number used to define individual channel pairs within a stream.
All values (0h-Fh) are available for use. Use a value of 0 for Single Pin
Widget.
Note: The Configuration Default Verb is not reset to its default value during a reset from any source. The settings are only lost
when digital power is removed from the WM8860. When digital power is restored, the System BIOS must restore the settings.
UNSOLICITED RESPONSE PRIORITY CONTROL VERB (VENDOR-SPECIFIC)
Verb ID
Payload [7:0]
Response[31:0]
Get
F8Eh
00h
Bits [31:0] in the table below
Set
78Eh
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:5]
Rsvd
R
0000000h
Reserved
[4:0]
Priority
RW
00h
Assigns a priority setting for queued Unsolicited Responses. Nodes with
the lowest value have the highest priority, and so go to the front of the
Unsolicited Response queue. Nodes with the same value for priority are
queued on first-to-trigger basis.
00h = Highest priority
…
1Fh = Lowest priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com